Electronic Components Datasheet Search |
|
PMEGXX10EJ Datasheet(PDF) 4 Page - NXP Semiconductors |
|
PMEGXX10EJ Datasheet(HTML) 4 Page - NXP Semiconductors |
4 / 12 page 9397 750 14817 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 03 — 11 April 2005 4 of 12 Philips Semiconductors PMEGxx10EH/EJ series 1 A very low VF MEGA Schottky barrier rectifiers 7. Characteristics [1] Pulse test: tp ≤ 300 µs; δ≤ 0.02. Table 8: Characteristics Tamb =25 °C unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit VF forward voltage [1] PMEG2010EH, PMEG2010EJ IF = 0.1 mA - 90 130 mV IF = 1 mA - 150 190 mV IF = 10 mA - 210 240 mV IF = 100 mA - 280 330 mV IF = 500 mA - 355 390 mV IF = 1000 mA - 420 500 mV PMEG3010EH, PMEG3010EJ IF = 0.1 mA - 90 130 mV IF = 1 mA - 150 200 mV IF = 10 mA - 215 250 mV IF = 100 mA - 285 340 mV IF = 500 mA - 380 430 mV IF = 1000 mA - 450 560 mV PMEG4010EH, PMEG4010EJ IF = 0.1 mA - 95 130 mV IF = 1 mA - 155 210 mV IF = 10 mA - 220 270 mV IF = 100 mA - 295 350 mV IF = 500 mA - 420 470 mV IF = 1000 mA - 540 640 mV IR reverse current PMEG2010EH, PMEG2010EJ VR =10V - 15 40 µA VR = 20 V - 40 200 µA PMEG3010EH, PMEG3010EJ VR =10V - 12 30 µA VR = 30 V - 40 150 µA PMEG4010EH, PMEG4010EJ VR =10V - 7 20 µA VR = 40 V - 30 100 µA Cd diode capacitance VR =1V; f=1MHz PMEG2010EH, PMEG2010EJ - 66 80 pF PMEG3010EH, PMEG3010EJ - 55 70 pF PMEG4010EH, PMEG4010EJ - 43 50 pF |
Similar Part No. - PMEGXX10EJ |
|
Similar Description - PMEGXX10EJ |