Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML64P168 Datasheet(PDF) 18 Page - OKI electronic componets

Part # ML64P168
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML64P168 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button ML64P168 Datasheet HTML 14Page - OKI electronic componets ML64P168 Datasheet HTML 15Page - OKI electronic componets ML64P168 Datasheet HTML 16Page - OKI electronic componets ML64P168 Datasheet HTML 17Page - OKI electronic componets ML64P168 Datasheet HTML 18Page - OKI electronic componets ML64P168 Datasheet HTML 19Page - OKI electronic componets ML64P168 Datasheet HTML 20Page - OKI electronic componets ML64P168 Datasheet HTML 21Page - OKI electronic componets ML64P168 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
FEDL64P168-01
Semiconductor
ML64P168
18/51
DC Characteristics (1.5 V Spec. ) ( Continued )
(VSS=0V, VDD1=VDD=1.5V, VDD2=3.0V, VDD3=4.5V, VDDI=2.7V, Ta=0 to +65
°C unless otherwise specified )
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measuring
Circuit
IOH1
VOH1 = VDDI - 0.5V
-6.0
-1.7
-0.7
IOL1
VOL1 = 0.5V
2
5
20
IOH1S
VDDI = 5.0V, VOH1S = VDDI - 0.5V
-9
-3.0
-1
Output current 1
( P1.0 )
IOL1S
VDDI = 5.0V, VOL1S = 0.5V
4
8
25
IOH2
VOH2 = VDDI - 0.5V
-6.0
-2.0
-0.7
IOL2
VOL2 = 0.5V
0.7
2.0
6.0
IOH2S
VDDI = 5.0V, VOH2S = VDDI - 0.5V
-9
-3
-1
Output current 2
( P1.1 to P1.3 )
( P2.0 to P2.3 )
( P3.0 to P3.3 )
( P4.0 to P4.3 )
IOL2S
VDDI= 5.0V, VOL2S = 0.5V
1
3
9
IOH3
VOH3 = VDD - 0.7V
-1.8
-0.6
-0.1
Output current 3
( BD )
IOL3
VOL3 = 0.7V
0.2
2
4
IOH4
VOH4 = VDD - 0.1V
-1.1
-0.6
-0.2
Output current 4
( RT0, RT1, RS0,
RS1, CRT0, CS0,
CS1 )
IOL4
VOL4 = 0.1V
0.3
0.6
1.1
IOH5
VOH5 = VDDI - 0.5V
-1.5
-0.8
-0.15
IOL5
VOL5 = 0.5V
0.15
1.0
4
IOH5S
VDDI = 5V, VOH5S = VDDI - 0.5V
-2.0
-1.5
-0.2
Output current 5
( When the pins
L26 to L33 are
configured as
output ports )
IOL5S
VDDI = 5V, VOL5S = 0.5V
0.2
3.0
5.0
IOH6
VOH6 = VDD - 0.5V
-2.1
-0.7
-0.15
Output current 6
( OSC2 )
IOL6
VOL6 = 0.5V
0.15
0.7
2.1
mA
2
IOH7
VOH7 = VDD3 - 0.2V
(VDD3 level)
-
-
-4
IOMH7
VOMH7 = VDD2 + 0.2V (VDD2 level)
4
-
-
IOMH7S
VOMH7S = VDD2 - 0.2V (VDD2 level)
-
-
-4
IOML7
VOML7 = VDD1 + 0.2V (VDD1 level)
4
-
-
IOML7S
VOML7S = VDD1 - 0.2V (VDD1 level)
-
-
-4
Output current 7
( L0 to L33 )
IOL7
VOL7 = VSS + 0.2V
(VSS level)
4
-
-
IOOH
VOH = VDD
--
0.3
Output Leakage
Current
( P1.0 to P1.3 )
( P2.0 to P2.3 )
( P3.0 to P3.3 )
( P4.0 to P4.3 )
(RT0, RT1, RS0,
RS1, CRT0, CS0,
CS1 )
IOOL
VOL = VSS
-0.3
-
-
µA
-


Similar Part No. - ML64P168

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
ML6401CS-1 MICRO-LINEAR-ML6401CS-1 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
ML6401CS-3 MICRO-LINEAR-ML6401CS-3 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
ML6411 MICRO-LINEAR-ML6411 Datasheet
244Kb / 24P
   Programmable Video Digitizer with Selectable Gain and Clamps
logo
Mitsubishi Electric Sem...
ML64114R MITSUBISHI-ML64114R Datasheet
120Kb / 3P
   AIGaAs LASER DIODES?
More results

Similar Description - ML64P168

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML64168 OKI-ML64168 Datasheet
317Kb / 49P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64164C OKI-MSM64164C Datasheet
299Kb / 41P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162D OKI-MSM64162D Datasheet
301Kb / 37P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162 OKI-MSM64162 Datasheet
312Kb / 39P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162A OKI-MSM64162A Datasheet
208Kb / 40P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64P164 OKI-MSM64P164 Datasheet
267Kb / 37P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64167E OKI-MSM64167E Datasheet
268Kb / 31P
   4-Bit Microcontroller with Built-in Dual-Slope Type A/D Converter and LCD Driver
MSM64169 OKI-MSM64169 Datasheet
163Kb / 25P
   Built-in Dual-slope type A/D Converter and LCD Driver 4-Bit Microcontroller
ML63611A OKI-ML63611A Datasheet
306Kb / 49P
   4-Bit Microcontroller that Operates under Ultra-Low Supply Current, with RC Oscillation Type A/D Converter Built-In
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com