Electronic Components Datasheet Search |
|
PEEL18LV8ZTI-15 Datasheet(PDF) 8 Page - Anachip Corp |
|
PEEL18LV8ZTI-15 Datasheet(HTML) 8 Page - Anachip Corp |
8 / 10 page Anachip Corp. www.anachip.com.tw Rev. 1.0 Dec 16, 2004 8/10 Table 4 - A.C. Electrical Characteristics Over the operating range 9 -15/I-15 3V ±10% 3.3V±10% Symbol Parameter Min Max Min Max Units tPD Input 6 to non-registered output in continuous mode13 20 15 ns tOE Input 6 to output enable7 20 15 ns tOD Input 6 to output disable7 20 15 ns tCO1 Clock to Output 17 12 ns tCO2 Clock to comb output delay via internal registered feedback 30 25 ns tCF Clock to Feedback 13 8 ns tSC Input 6 or feedback setup to clock 17 12 ns tHC Input 6 hold after clock 0 0 ns tCL, tCH Clock low time, clock high time 9 15 10 ns tCP Min clock period Ext (tSC + tCO1 ) 32 24 ns fMAX1 Internal feedback 1/ (tSC + tCF) 12 33.3 50 MHz fMAX2 External Feedback (1/ tCP) 12 31.25 41.67 MHz fMAX3 No Feedback 1/ (tCL + tCH) 12 33.3 50 MHz tAW Asynchronous Reset Pulse Width 20 15 ns tAP Input to Asynchronous Reset 20 15 ns tAR Asynchronous Reset recovery time 20 15 ns tRESET Power-on reset time for registers in clear state 14 5 5 µs Inputs I/O, Registered Feedback, Synchronous Preset Clock Asynchronous Reset Registered Outputs Combinatorial Outputs Figure 7 - Switching Waveforms Notes: 1. Minimum DC input is -0.5V, however, inputs may undershoot to -2.0V for periods less than 20 ns. 2. VI and VO are not specified for program / verify operation. 3. The Supply Voltage range of 2.7 to 3.6V was chosen to allow this part to be used in both 3V ±10% and 3.3V ±10% applications. 4. Test Points for Clock and VCC in tR and tF are referenced at the 10% and 90% levels. 5. I/O pins are 0V and VCC . 6. "Input" refers to an input pin signal. 7. tOE is measured from input transition to V REF ± 0.1V, TOD is measured from input transition to VOH -0.1V or VOL +0.1V; VREF =VL. 8. Capacitances are tested on a sample basis. 9. Test conditions assume: signal transition times of 3ns or less from the 10% and 90% points, timing reference levels of 1.5V (Unless otherwise specified). 10. Test one output at a time for duration of less than 1 second. 11. ICC for a typical application: This parameter is tested with the device programmed as an 8-bit Counter. 12. Parameters are not 100% tested. Specifications are based on initial characterization and are tested after any design process modification that might affect operational frequency. 13. tPD , tOE , tOD , tCO , tSC , and tAP are approximately 5 ns. slower on the first transaction from sleep mode. 14. All inputs at GND. |
Similar Part No. - PEEL18LV8ZTI-15 |
|
Similar Description - PEEL18LV8ZTI-15 |