Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWR1243 Datasheet(PDF) 24 Page - Texas Instruments

Part # AWR1243
Description  Single-Chip 77- and 79-GHz FMCW Transceiver
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWR1243 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AWR1243_18 Datasheet HTML 20Page - Texas Instruments AWR1243_18 Datasheet HTML 21Page - Texas Instruments AWR1243_18 Datasheet HTML 22Page - Texas Instruments AWR1243_18 Datasheet HTML 23Page - Texas Instruments AWR1243_18 Datasheet HTML 24Page - Texas Instruments AWR1243_18 Datasheet HTML 25Page - Texas Instruments AWR1243_18 Datasheet HTML 26Page - Texas Instruments AWR1243_18 Datasheet HTML 27Page - Texas Instruments AWR1243_18 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
24
AWR1243
SWRS188 – MAY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: AWR1243
Specifications
Copyright © 2017, Texas Instruments Incorporated
(1)
With an additional load capacitance CCM of 0 to 60 pF on the termination center tap at RX side of the lane
(2)
While driving CLOAD. Load capacitance includes 50 pF of transmission line capacitance, and 10 pF each for TX and RX.
(3)
When the output voltage is from 15% to 85% of the fully settled LP signal levels
(4)
Measured as average across any 50 mV segment of the output signal transition
5.9.5
Camera Serial Interface (CSI)
The CSI is a MIPI D-PHY compliant interface for connecting this device to a camera receiver module. This
interface is made of four differential lanes; each lane is configurable for carrying data or clock. The polarity
of each wire of a lane is also configurable. Table 5-11, Figure 5-6, Figure 5-7, and Figure 5-8 describe the
clock and data timing of the CSI.
Table 5-11. CSI Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
HPTX
HSTXDBR
Data bit rate
(1 or 2 data lane PHY)
150
900
Mbps
(4 data lane PHY)
150
600
fCLK
DDR clock frequency
(1 or 2 data lane PHY)
75
450
MHz
(4 data lane PHY)
75
300
ΔVCMTX(LF)
Common-level variation from 75 to 450 MHz of CSI2 clock
frequency
–50
50
mVpeak
tR and tF
20% to 80% rise time and fall time
150
ns
0.3
UI
LPTX DRIVER
tRLP and tFLP
15% to 85% rise time and fall time
25
ns
tEOT
(1)
Time from start of THS-TRAIL period to start of LP-11 state
105 +
12*UI
ns
δV/δtSR
(2) (3) (4)
Slew rate. CLOAD = 0 to 5 pF
500
mV/ns
Slew rate. CLOAD = 5 to 20 pF
200
Slew rate. CLOAD = 20 to 70 pF
100
CLOAD
(2)
Load capacitance
0
70
pF
DATA-CLOCK Timing Specification
UINOM
Nominal unit interval (1, 2, or 3 data lane PHY)
1.11
13.33
ns
Nominal unit interval (4 data lane PHY)
1.67
13.33
UIINST,MIN
Minimum instantaneous Unit Interval (1, 2, or 3 data lane PHY)
1.033
0.975*U
INOM –
0.05
ns
Minimum instantaneous Unit Interval (4 data lane PHY)
1.131
TSKEW[TX]
Data to clock skew measured at transmitter
–0.15
0.15
UIINST,
MIN
CSI2 TIMING SPECIFICATION
TCLK-MISS
Time-out for receiver to detect absence of clock transitions and
disable the clock lane HS-RX.
60
ns
TCLK-POST
Time that the transmitter continues to send HS clock after the
last associated data lane has transitioned to lp mode. Interval is
defined as the period from the end of THS-TRAIL to the beginning
of TCLK-TRAIL.
60 ns +
52*UI
ns
TCLK-PRE
Time that the HS clock shall be driven by the transmitter before
any associated data lane beginning the transition from LP to HS
mode.
8
ns
TCLK-PREPARE
Time that the transmitter drives the clock lane LP-00 line state
immediately before the HS-0 line state starting the HS
transmission.
38
95
ns
TCLK-SETTLE
Time interval during which the HS receiver should ignore any
clock lane HS transitions, starting from the beginning of TCLK-
PREPARE.
95
300
ns


Similar Part No. - AWR1243_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AWR1243_1811 TI1-AWR1243_1811 Datasheet
946Kb / 58P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
More results

Similar Description - AWR1243_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AWR1243 TI1-AWR1243 Datasheet
864Kb / 48P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
AWR1243_1811 TI1-AWR1243_1811 Datasheet
946Kb / 58P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
AWR1642 TI1-AWR1642 Datasheet
3Mb / 84P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642_18 Datasheet
3Mb / 88P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1443 TI1-AWR1443 Datasheet
1Mb / 76P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1443 TI1-AWR1443_18 Datasheet
1Mb / 76P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1843 TI1-AWR1843 Datasheet
2Mb / 77P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1843AOP TI-AWR1843AOP_V01 Datasheet
3Mb / 88P
[Old version datasheet]   AWR1843AOP Single-chip 77- and 79-GHz FMCW radar sensor
REVISED SEPTEMBER 2021
AWR1843 TI1-AWR1843_V01 Datasheet
2Mb / 75P
[Old version datasheet]   AWR1843 Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1843AOP TI-AWR1843AOP Datasheet
3Mb / 80P
[Old version datasheet]   AWR1843AOP Single-chip 77- and 79-GHz FMCW radar sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com