Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM5862E Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # PCM5862E
Description  All in one multi-media Pentium processor-based single board computer
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCM5862E Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button PCM5862E Datasheet HTML 93Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 94Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 95Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 96Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 97Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 98Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 99Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 100Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 108 page
background image
89
Appendix C Pin Assignments
Note:
The cable of serial port (CN16) comes with four DSUB-
9 male connectors. The pin assignments of each DSUB-
9 connector are listed below for your reference:
DSUB-9 Conn.(RS-232) mode
RS-422 mode
RS-485 module
Pin
Signal
Signal
Signal
1
DCD
TX-
DATA-
2
RxD
TX+
DATA+
3
TxD
RX+
NC
4
DTR
RX-
NC
5
GND
GND
GND
6
DSR
NC
NC
7
RTS
NC
NC
8
CTS
NC
NC
9RI
NC
NC


Similar Part No. - PCM5862E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM58J BURR-BROWN-PCM58J Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM58K BURR-BROWN-PCM58K Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM5862E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USC-160 ADVANTECH-USC-160 Datasheet
799Kb / 3P
   15.6" ARM Based Android All-in-One Computer
6-Jul-2023
USC-130 ADVANTECH-USC-130 Datasheet
772Kb / 3P
   11.6" ARM Based Android All-in-One Computer
6-Mar-2023
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
Nuvoton Technology Corp...
N3290X NUVOTON-N3290X_14 Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
Advantech Co., Ltd.
USC-360 ADVANTECH-USC-360 Datasheet
1Mb / 3P
   15.6" Ultra-Slim, All-in-One Computer
1-Aug-2023
logo
List of Unclassifed Man...
VES-500 ETC2-VES-500 Datasheet
1Mb / 3P
   Risc-based Single Board Computer with Freescale??i.MX 6 Series Processor
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Advantech Co., Ltd.
ARK-7480 ADVANTECH-ARK-7480 Datasheet
238Kb / 2P
   All-In-One, High Performance Embedded Box computer
logo
Axiomtek Co., Ltd.
GOT3217WL-845-PCT AXIOMTEK-GOT3217WL-845-PCT Datasheet
519Kb / 2P
   21.5 FHD TFT Multi-touch Panel Computer with Intel Pentium Processor N3710
logo
List of Unclassifed Man...
PCM-6893 ETC-PCM-6893 Datasheet
227Kb / 1P
   Socket 370 based Pentium III Celeron Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com