Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM5862E Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # PCM5862E
Description  All in one multi-media Pentium processor-based single board computer
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCM5862E Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button PCM5862E Datasheet HTML 72Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 73Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 74Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 75Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 76Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 77Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 78Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 79Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 108 page
background image
68
PCM-5862E/EL User's Manual
Driver Installation
Before you begin
To facilitate the installation of the audio drivers, you should read
the instructions in this chapter carefully before you attempt
installation. The audio drivers for the PCM-5862E/5862EL board
are located on the audio driver diskettes. You must install the
drivers by using the supplied SETUP program.
Note:
The files on the software installation diskette are
compressed. Do not attempt to install the drivers
by copying the files manually. You must use the
supplied SETUP program to install the drivers.
Windows 3.1 drivers
These drivers are designed to work with Microsoft Windows 3.1.
You may install these drivers through Windows.
1. Run Windows to make sure that it is working correctly.
2. Place the audio driver diskette in drive A. In the Windows
Program Manager, choose File from the Options Menu. Then
from the pull-down menu, choose Run . . . . At the command
line prompt, type A:\WIN31\SETUP. Press the <ENTER> key
or click OK to begin the installation.
3. Click Continue when the “AudioDrive Setup” screen show up.
Click the Driver Installation button to choose installing the
audio driver.
4. At this point, the setup program displays the “Set Hardware
Setting” screen, which allows you to change the hardware
setting of audio controller in Windows. For proper operation,
make sure the address, IRQ, and DMA settings are not used by
other hardware. Press <ENTER> key or click OK to complete
the installation.
Once completed, you can change the settings or remove the audio
driver by using Windows’s Control Panel program.


Similar Part No. - PCM5862E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM58J BURR-BROWN-PCM58J Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM58K BURR-BROWN-PCM58K Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM5862E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USC-160 ADVANTECH-USC-160 Datasheet
799Kb / 3P
   15.6" ARM Based Android All-in-One Computer
6-Jul-2023
USC-130 ADVANTECH-USC-130 Datasheet
772Kb / 3P
   11.6" ARM Based Android All-in-One Computer
6-Mar-2023
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
Nuvoton Technology Corp...
N3290X NUVOTON-N3290X_14 Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
Advantech Co., Ltd.
USC-360 ADVANTECH-USC-360 Datasheet
1Mb / 3P
   15.6" Ultra-Slim, All-in-One Computer
1-Aug-2023
logo
List of Unclassifed Man...
VES-500 ETC2-VES-500 Datasheet
1Mb / 3P
   Risc-based Single Board Computer with Freescale??i.MX 6 Series Processor
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Advantech Co., Ltd.
ARK-7480 ADVANTECH-ARK-7480 Datasheet
238Kb / 2P
   All-In-One, High Performance Embedded Box computer
logo
Axiomtek Co., Ltd.
GOT3217WL-845-PCT AXIOMTEK-GOT3217WL-845-PCT Datasheet
519Kb / 2P
   21.5 FHD TFT Multi-touch Panel Computer with Intel Pentium Processor N3710
logo
List of Unclassifed Man...
PCM-6893 ETC-PCM-6893 Datasheet
227Kb / 1P
   Socket 370 based Pentium III Celeron Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com