Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM5862E Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # PCM5862E
Description  All in one multi-media Pentium processor-based single board computer
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCM5862E Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button PCM5862E Datasheet HTML 67Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 68Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 69Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 70Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 71Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 72Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 73Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 74Page - List of Unclassifed Manufacturers PCM5862E Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 108 page
background image
63
Chapter 5
PCI VGA Setup
Selecting Monitor Type
Monitor type is initially set to DEFAULT. This DEFAULT setting
may not allow you to select all resolution/refresh combinations that
are available for your monitor. The following steps can be done to
select monitor type. This section applies only after installation, or
when a different monitor is used.
1. Open the OS/2 System folder.
2. Open the System Setup folder.
3. Open the System object.
4. When the System - Settings notebook appears, select the
Screen tab. This will take you to page 2 of the settings.
5. On Screen page 2, select your monitor type from the Display
Name list. If your monitor is not listed, select DEFAULT.
Return to Screen page 1.
It may be necessary to restart your system to have all refresh rate
options available.
Selecting Screen Resolution/Refresh Rate
To switch to a different video resolution, color depth or refresh
rate,
follow the steps below.
1. Open the OS/2 System folder.
2. Open the System Setup folder.
3. Open the System object.
4. From the selection windows provided, select a new Screen
Resolution and Screen refresh rate.
Please note, Refresh rates, other than 60Hz, are only valid when
the display is switched to CRT only display mode.
5. Close the System-Settings notebook.
6. Perform a shutdown and restart for the changes to take effect.


Similar Part No. - PCM5862E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM58J BURR-BROWN-PCM58J Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM58K BURR-BROWN-PCM58K Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM5862E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USC-160 ADVANTECH-USC-160 Datasheet
799Kb / 3P
   15.6" ARM Based Android All-in-One Computer
6-Jul-2023
USC-130 ADVANTECH-USC-130 Datasheet
772Kb / 3P
   11.6" ARM Based Android All-in-One Computer
6-Mar-2023
logo
List of Unclassifed Man...
N3290X ETC2-N3290X Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
Nuvoton Technology Corp...
N3290X NUVOTON-N3290X_14 Datasheet
1Mb / 47P
   ARM926-based Media Processor
logo
Advantech Co., Ltd.
USC-360 ADVANTECH-USC-360 Datasheet
1Mb / 3P
   15.6" Ultra-Slim, All-in-One Computer
1-Aug-2023
logo
List of Unclassifed Man...
VES-500 ETC2-VES-500 Datasheet
1Mb / 3P
   Risc-based Single Board Computer with Freescale??i.MX 6 Series Processor
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Advantech Co., Ltd.
ARK-7480 ADVANTECH-ARK-7480 Datasheet
238Kb / 2P
   All-In-One, High Performance Embedded Box computer
logo
Axiomtek Co., Ltd.
GOT3217WL-845-PCT AXIOMTEK-GOT3217WL-845-PCT Datasheet
519Kb / 2P
   21.5 FHD TFT Multi-touch Panel Computer with Intel Pentium Processor N3710
logo
List of Unclassifed Man...
PCM-6893 ETC-PCM-6893 Datasheet
227Kb / 1P
   Socket 370 based Pentium III Celeron Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com