Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1035 Datasheet(PDF) 10 Page - Texas Instruments

Part # AMC1035
Description  Delta-Sigma Modulator With Bipolar Input of (,-)1 V and Reference Output of 2.5 V
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1035 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC1035_18 Datasheet HTML 6Page - Texas Instruments AMC1035_18 Datasheet HTML 7Page - Texas Instruments AMC1035_18 Datasheet HTML 8Page - Texas Instruments AMC1035_18 Datasheet HTML 9Page - Texas Instruments AMC1035_18 Datasheet HTML 10Page - Texas Instruments AMC1035_18 Datasheet HTML 11Page - Texas Instruments AMC1035_18 Datasheet HTML 12Page - Texas Instruments AMC1035_18 Datasheet HTML 13Page - Texas Instruments AMC1035_18 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
V
IN
Integrator 1
Integrator 2
0 V
DAC
V
1
V
2
V
4
V
5
V
3
CMP
f
CLKIN
10
AMC1035
SBAS837 – AUGUST 2018
www.ti.com
Product Folder Links: AMC1035
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Modulator
The modulator implemented in the AMC1035 (such as the one conceptualized in Figure 4) is a second-order,
switched-capacitor, feed-forward ΔΣ modulator. The analog input voltage VIN and the output V5 of the 1-bit
digital-to-analog converter (DAC) are differentiated, providing an analog voltage V1 at the input of the first
integrator stage. The output of the first integrator feeds the input of the second integrator stage, resulting in
output voltage V3 that is differentiated with the input signal VIN and the output of the first integrator V2. Depending
on the polarity of the resulting voltage V4, the output of the comparator is changed. In this case, the 1-bit DAC
responds on the next clock pulse by changing the associated analog output voltage V5, causing the integrators to
progress in the opposite direction and forcing the value of the integrator output to track the average value of the
input.
Figure 4. Block Diagram of a Second-Order Modulator
As depicted in Figure 3, the modulator shifts the quantization noise to high frequencies. Therefore, use a low-
pass digital filter at the output of the device to increase the overall performance. This filter is also used to convert
from the 1-bit data stream at a high sampling rate into a higher-bit data word at a lower rate (decimation). TI's
microcontroller families TMS320F28004x, TMS320F2807x, and TMS320F2837x offer a suitable programmable,
hardwired filter structure termed a sigma-delta filter module (SDFM) optimized for usage with the AMC1035.
Also, SD24_B converters on the MSP430F677x microcontrollers offer a path to directly access the integrated
sinc-filters for a simple system-level solution for multichannel, isolated current sensing. An additional option is to
use a suitable application-specific device, such as the AMC1210 (a four-channel digital sinc filter). Alternatively, a
field-programmable gate array (FPGA) can be used to implement the filter.
7.3.3 Clock Input
The AMC1035 system clock is provided externally at the CLKIN pin. The clock signal can be applied and paused
at any time. When the clock signal is paused, the modulator stops the analog signal conversion and the digital
output signal remains frozen in the last logic state. When the clock signal is applied again after a pause, the
internal analog circuitry biasing must settle for proper device performance. In this case, consider the tASTART
specification in the Switching Characteristics table.


Similar Part No. - AMC1035_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1035_1811 TI1-AMC1035_1811 Datasheet
1Mb / 33P
[Old version datasheet]   Delta-Sigma Modulator With Bipolar Input of (-)1 V and Reference Output of 2.5 V
More results

Similar Description - AMC1035_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1035_1811 TI1-AMC1035_1811 Datasheet
1Mb / 33P
[Old version datasheet]   Delta-Sigma Modulator With Bipolar Input of (-)1 V and Reference Output of 2.5 V
AMC1035 TI1-AMC1035 Datasheet
422Kb / 22P
[Old version datasheet]   Delta-Sigma Modulator With Bipolar Input of ,-1 V and Reference Output of 2.5 V
AMC1035-Q1 TI1-AMC1035-Q1 Datasheet
763Kb / 32P
[Old version datasheet]   Delta-Sigma Modulator With a Bipolar Input of 짹1 V and Reference Output of 2.5 V
AMC1035-Q1 TI1-AMC1035-Q1_V01 Datasheet
763Kb / 32P
[Old version datasheet]   AMC1035-Q1 Delta-Sigma Modulator With a Bipolar Input of 짹1 V and Reference Output of 2.5 V
AMC1333M10 TI-AMC1333M10 Datasheet
1Mb / 36P
[Old version datasheet]   AMC1333M10 Precision, ±1-V Input, Reinforced Isolated Delta-Sigma Modulator With 10-MHz Internal Clock
MAY 2022
logo
Maxim Integrated Produc...
DS8102 MAXIM-DS8102 Datasheet
157Kb / 9P
   Dual Delta-Sigma Modulator and Encoder
Rev 1; 2/09
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
   IMPLEMENTATION OF SIGMA-DELTA ADC
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com