Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA24S08D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA24S08D
Description  1024 짰8-bit CMOS EEPROM with access protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA24S08D Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA24S08D Datasheet HTML 1Page - NXP Semiconductors PCA24S08D Datasheet HTML 2Page - NXP Semiconductors PCA24S08D Datasheet HTML 3Page - NXP Semiconductors PCA24S08D Datasheet HTML 4Page - NXP Semiconductors PCA24S08D Datasheet HTML 5Page - NXP Semiconductors PCA24S08D Datasheet HTML 6Page - NXP Semiconductors PCA24S08D Datasheet HTML 7Page - NXP Semiconductors PCA24S08D Datasheet HTML 8Page - NXP Semiconductors PCA24S08D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
Product data
PCA24S08
1024
× 8-bit CMOS EEPROM with access protection
2004 May 10
4
DEVICE ADDRESSING
Following a START condition, the bus master must output the
address of the slave it is accessing. The address of the PCA24S08
is shown in Figure 3.
10
1
0
1
B2
B1
FIXED
SOFTWARE
SELECTABLE
R/W
SW02221
Figure 3. Slave address
The last bit of the slave address defines the operation to be
performed. When set to logic 1, a read operation is selected, while
logic 0 selects a write operation. Bits B2 and B1 in the slave address
represent the 2 most significant bits of the word to be addressed.
The third device address bit in the I2C protocol that is usually
matched to A2 (pin 3) on a standard 24C08 serial EEPROM is
internally connected HIGH, so device addresses A8h through AFh
(hex) are used to access the memory on the chip.
WRITE OPERATIONS
Write operations on the device can be performed only when WP is
held LOW. When WP pin is held HIGH, content of the full memory is
protected (Block 0 to Block 7, APP Registers, ID Page), and no write
operation is allowed.
Byte/word write: Write command may be used to set the address
for a subsequent Read command. For a write operation, the
PCA24S08 requires a second address field. The address field
associated with the two software selectable bits in the slave address
is a word address providing access to the 1024 bytes of memory, as
shown in Figure 4. Upon receipt of the word address, the
PCA24S08 responds with an acknowledge and awaits the next
eight bits of data, again responding with an acknowledge. Word
address is automatically incremented. Figure 5 shows how the
memory array is addressed when the slave address byte and
address field byte are sent. The master terminates the transfer by
generating a STOP condition. After this STOP condition, the
Erase/Write (E/W) cycle starts and the I2C-bus is free for another
transmission. Up to 16 bytes of data can be written in the slave
writing sequence (E/W cycle).
10
1
0
1
B2
B1
FIXED
R/W
B0 P2
P1
P0
A3
A2
A1 A0
BLOCK 7
BLOCK 0
PAGE 0
PAGE 7
PAGE 0
PAGE 7
BYTE 0
BYTE 15
BYTE 0
BYTE 15
BYTE 0
BYTE 15
BYTE 0
BYTE 15
11
1
11
1
11
1
11
1
1
11
1
1
11
1
1
11
1
1
00
0
00
0
00
0
00
0
0
00
0
0
00
0
0
00
0
0
PAGE
NUMBER
BYTE
ADDRESS
BLOCK NUMBER
SW02222
Figure 4. Memory addressing


Similar Part No. - PCA24S08D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA24S08A NXP-PCA24S08A Datasheet
210Kb / 24P
   1024 x 8-bit CMOS EEPROM with access protection
Rev. 01-19 January 2010
PCA24S08A NXP-PCA24S08A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA24S08AD NXP-PCA24S08AD Datasheet
210Kb / 24P
   1024 x 8-bit CMOS EEPROM with access protection
Rev. 01-19 January 2010
PCA24S08ADP NXP-PCA24S08ADP Datasheet
210Kb / 24P
   1024 x 8-bit CMOS EEPROM with access protection
Rev. 01-19 January 2010
More results

Similar Description - PCA24S08D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA24S08A NXP-PCA24S08A Datasheet
210Kb / 24P
   1024 x 8-bit CMOS EEPROM with access protection
Rev. 01-19 January 2010
logo
National Semiconductor ...
NMC95C12 NSC-NMC95C12 Datasheet
310Kb / 9P
   1024-bit CMOS EEPROM with DIP Switches
logo
Motorola, Inc
MCM5101 MOTOROLA-MCM5101 Datasheet
127Kb / 4P
   CMOS 1024 BIT STATIC RANDOM ACCESS MEMORY
logo
NXP Semiconductors
PCF8598C-2 PHILIPS-PCF8598C-2 Datasheet
395Kb / 21P
   1024 쨈 8-bit CMOS EEPROM with I2C-bus interface
Rev. 06-22 October 2004
logo
Maxim Integrated Produc...
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
DS1972 MAXIM-DS1972 Datasheet
273Kb / 23P
   1024-Bit EEPROM iButton
REV: 083006
logo
Fairchild Semiconductor
FM93C46N FAIRCHILD-FM93C46N Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
NM93C46 FAIRCHILD-NM93C46 Datasheet
108Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46 FAIRCHILD-FM93C46 Datasheet
114Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com