Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML63187 Datasheet(PDF) 14 Page - OKI electronic componets

Part # ML63187
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63187 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button ML63187 Datasheet HTML 10Page - OKI electronic componets ML63187 Datasheet HTML 11Page - OKI electronic componets ML63187 Datasheet HTML 12Page - OKI electronic componets ML63187 Datasheet HTML 13Page - OKI electronic componets ML63187 Datasheet HTML 14Page - OKI electronic componets ML63187 Datasheet HTML 15Page - OKI electronic componets ML63187 Datasheet HTML 16Page - OKI electronic componets ML63187 Datasheet HTML 17Page - OKI electronic componets ML63187 Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
¡ Semiconductor
ML63187/63189B
14/35
Table 1 Pin Descriptions (Basic Functions) (continued)
Function
Symbol
Pad No.
Type
Description
COM1
114
COM2
115
COM3
116
COM4
117
COM5
118
COM6
119
COM7
120
COM8
121
COM9
63
COM10
64
COM11
65
COM12
66
COM13
67
COM14
68
COM15
69
COM16
70
SEG0
122
SEG1
123
SEG2
1
SEG3
2
SEG4
3
SEG5
4
SEG6
5
SEG7
6
SEG8
7
SEG9
8
SEG10
9
SEG11
10
SEG12
11
SEG13
12
SEG14
13
SEG15
14
SEG16
15
SEG17
16
SEG18
17
SEG19
18
SEG20
19
SEG21
20
SEG22
21
SEG23
22
SEG24
23
O
LCD segment signal output pins
O
LCD common signal output pins
LCD
Pin No.
90
91
92
93
94
95
96
97
36
37
39
40
41
42
43
44
98
99
100
101
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
ML63187 ML63189B ML63187 ML63189B
92
93
94
95
96
97
98
99
53
54
55
56
57
58
59
60
100
101
102
103
104
105
106
107
108
109
110
111
1
2
3
4
5
6
7
8
9
10
11
12
13
79
80
81
82
83
84
85
86
31
32
33
34
39
40
41
42
87
88
89
90
91
92
93
94
95
96
97
98
103
104
105
106
107
108
109
110
111
112
113
114
115


Similar Part No. - ML63187

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63187B-XXXGA OKI-ML63187B-XXXGA Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63187B-XXXWA OKI-ML63187B-XXXWA Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
More results

Similar Description - ML63187

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM63188A OKI-MSM63188A Datasheet
300Kb / 33P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
   4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
MSM63238 OKI-MSM63238 Datasheet
231Kb / 32P
   4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
ML63512A OKI-ML63512A Datasheet
261Kb / 30P
   4-Bit Microcontroller with Built-in Level Detector, Melody Circuit, and Comparator,Operating at 0.9 V (Min.)
MSM63P180 OKI-MSM63P180 Datasheet
214Kb / 35P
   4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
   4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com