Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML63187 Datasheet(PDF) 32 Page - OKI electronic componets

Part # ML63187
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63187 Datasheet(HTML) 32 Page - OKI electronic componets

Back Button ML63187 Datasheet HTML 28Page - OKI electronic componets ML63187 Datasheet HTML 29Page - OKI electronic componets ML63187 Datasheet HTML 30Page - OKI electronic componets ML63187 Datasheet HTML 31Page - OKI electronic componets ML63187 Datasheet HTML 32Page - OKI electronic componets ML63187 Datasheet HTML 33Page - OKI electronic componets ML63187 Datasheet HTML 34Page - OKI electronic componets ML63187 Datasheet HTML 35Page - OKI electronic componets ML63187 Datasheet HTML 36Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
¡ Semiconductor
ML63187/63189B
32/35
Note: VDDI is the power supply pin for the input-output ports.
Be sure to connect the VDDI pin either to the positive power supply pin (VDD) of this
device or to the positive power supply pin of the external memory.
Application Circuit Example with No Power Supply Backup
APPLICATION CIRCUITS (ML63187)
XT0
COM1-16
XT1
VDDH
VDD
VDD5
VDD4
VDD3
VDD2
VDD1
C1
C2
RESET
TST1
TST2
MD
MDB
VSS
SEG0-63
OSC0
OSC1
PB.3
PB.2
PB.1
PB.0
Cv
CG
C12
LCD
Crystal
32.768 kHz
VDD
5.0 V
Ce
Cd
Cc
Cb
Ca
Buzzer
•Crystal oscillation is selected as low-speed
oscillation.
•Ceramic oscillation is selected as high-speed
oscillation.
•Ports, external memory, and IC share their
power supply.
•Cv is an IC power supply bypass capacitor.
•Values of Ca, Cb, Cc, Cd, Ce, Cl, C12, CG,
CL0, and CL1 are for reference only.
VDDI
VDD
CL0 30 pF
CL1
30 pF
Ceramic
Resonator
(Example: 1 MHz)
CB1
CB2
VDDL
Cl
ML63187
0.1 mF
0.1 mF
0.1 mF
0.1 mF
0.1 mF
0.1 mF
0.1 mF
0.1 mF
Open
Push SW
5 to 25 pF
PE.3
PE.2
PE.1
PE.0


Similar Part No. - ML63187

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63187B-XXXGA OKI-ML63187B-XXXGA Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63187B-XXXWA OKI-ML63187B-XXXWA Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
More results

Similar Description - ML63187

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM63188A OKI-MSM63188A Datasheet
300Kb / 33P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
   4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
MSM63238 OKI-MSM63238 Datasheet
231Kb / 32P
   4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
ML63512A OKI-ML63512A Datasheet
261Kb / 30P
   4-Bit Microcontroller with Built-in Level Detector, Melody Circuit, and Comparator,Operating at 0.9 V (Min.)
MSM63P180 OKI-MSM63P180 Datasheet
214Kb / 35P
   4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
   4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com