Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28410 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY28410
Description  Clock Generator for Intel Grantsdale Chipset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28410 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY28410 Datasheet HTML 1Page - Cypress Semiconductor CY28410 Datasheet HTML 2Page - Cypress Semiconductor CY28410 Datasheet HTML 3Page - Cypress Semiconductor CY28410 Datasheet HTML 4Page - Cypress Semiconductor CY28410 Datasheet HTML 5Page - Cypress Semiconductor CY28410 Datasheet HTML 6Page - Cypress Semiconductor CY28410 Datasheet HTML 7Page - Cypress Semiconductor CY28410 Datasheet HTML 8Page - Cypress Semiconductor CY28410 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Clock Generator for IntelGrantsdale Chipset
CY28410
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07593 Rev. *C
Revised Sept. 28, 2204
Features
• Compliant with IntelCK410
• Supports Intel P4 and Tejas CPU
• Selectable CPU frequencies
• Differential CPU clock pairs
• 100-MHz differential SRC clocks
• 96-MHz differential dot clock
• 48-MHz USB clocks
• 33-MHz PCI clock
• Low-voltage frequency select input
•I2C support with readback capabilities
• Ideal Lexmark Spread Spectrum profile for maximum
electromagnetic interference (EMI) reduction
• 3.3V power supply
• 56-pin SSOP and TSSOP packages
CPU
SRC
PCI
REF
DOT96
USB_48
x2 / x3
x6 / x7
x 9
x 1
x 1
x 1
Block Diagram
Pin Configuration
VDD_PCI
VSS_PCI
PCI4
PCI5
VSS_PCI
VDD_PCI
PCIF0/ITP_EN
PCIF1
PCIF2
VDD_48
USB_48
VSS_48
DOT96T
DOT96C
FS_B/TEST_MODE
VTT_PWRGD#/PD
FS_A
SRCT1
SRCC1
VDD_SRC
SRCT2
SRCC2
SRCT3
SRCC3
PCI2
PCI1
SRCC5
CPUT2_ITP/SRCT7
VSSA
VDDA
IREF
CPUT1
CPUC1
VDD_CPU
CPUT0
CPUC0
VSS_CPU
SDATA
SCLK
VDD_REF
XIN
VSS_REF
FS_C/TEST_SEL
REF
PCI0
CPUC2_ITP/SRCC7
SRC4-SATAT
SRC4_SATAC
VDD_SRC
VDD_SRC
SRCT6
SRCT5
VSS_SRC
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
32
31
30
29
VDD_REF
XTAL
PLL Ref Freq
XOUT
XIN
OSC
SCLK
PLL1
I2C
Logic
VDD_48 MHz
SDATA
VDD_PCI
Divider
Network
VDD_CPU
FS_[C:A]
REF
VTT_PWRGD#
IREF
PCI[0:5]
PLL2
CPUT[0:1], CPUC[0:1],
VDD_SRC
SRCT[1:6], SRCC[1:6]
USB_48
PCI3
SRCC6
XOUT
56 SSOP/TSSOP
DOT96T
DOT96C
VDD_PCIF
PCIF[0:2]
CPU(T/C)2_ITP]
PD


Similar Part No. - CY28410

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
logo
Silicon Laboratories
CY28410 SILABS-CY28410 Datasheet
180Kb / 17P
   Clock Generator for Intel짰Grantsdale Chipset
logo
SpectraLinear Inc
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
logo
Silicon Laboratories
CY284108 SILABS-CY284108 Datasheet
167Kb / 16P
   Clock Generator for Intel짰Blackford and Bayshore Chipsets
More results

Similar Description - CY28410

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 CYPRESS-CY28435 Datasheet
306Kb / 23P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 CYPRESS-CY28439-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com