Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KB827-B Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. KB827-B
Description  GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB827-B Datasheet(HTML) 1 Page - Kingbright Corporation

  KB827-B Datasheet HTML 1Page - Kingbright Corporation KB827-B Datasheet HTML 2Page - Kingbright Corporation KB827-B Datasheet HTML 3Page - Kingbright Corporation KB827-B Datasheet HTML 4Page - Kingbright Corporation KB827-B Datasheet HTML 5Page - Kingbright Corporation KB827-B Datasheet HTML 6Page - Kingbright Corporation KB827-B Datasheet HTML 7Page - Kingbright Corporation KB827-B Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPEC NO: DS AD1554
REV NO: V.5
DATE: APR/05/2005
PAGE: 1 OF 8
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.W.WANG
ERP:1205000015
PHOTOCOUPLER
KB827-B
GENERAL PURPOSE
HIGH ISOLATION VOLTAGE
SINGLE TRANSISTOR TYPE
PHOTOCOUPLER SERIES
FEATURES
1.Lead forming (gull wing) type, for surface mounting.
2.High isolation voltage between input and output (Viso=5000 Vrms).
3.Compact dual-in-line package
KB827-B: 2-channel type.
4.Recognized by UL and CUL, file NO.E225308.
5.Approved by VDE 0884 Teil2(NO:40006364)
(Creepage distance between input and output:7mm or more).
6.RoHS Compliant.
DESCRIPTION
1.The KB827-B (2-channel) is optically coupled isolators containing a GaAS light emitting diode
and an NPN silicon phototransistor.
2.The lead pitch is 2.54mm.
3.Solid insulation thickness between emitting diode and output phototransistor:>=0.6mm.
APPLICATIONS
1.Computer terminals.
2.Registers,copiers,automatic vending machines.
3.System appliances, measuring instruments.
4.Programmable logic controller.
5.Signal transmission between circuits of different potentials and impedances.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn