Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MXD7210GL Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. MXD7210GL
Description  Low Cost, Low Noise -10 g Dual Axis Accelerometer with Digital Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

MXD7210GL Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MEMSIC MXD7210GL/HL/ML/NL
Page 5 of 10
2003.08.04
The MXD7210GL/HL/ML/NL has two PWM duty cycle
outputs (x,y). The acceleration is proportional to the ratio
T1/T2. The zero g output is set to 50% duty cycle and the
sensitivity scale factor is set to 4% duty cycle change per g.
These nominal values are affected by the initial tolerance of
the device including zero g offset error and sensitivity
error. This device is offered from the factory programmed
to either a 10ms period (100 Hz) or a 2.5ms period
(400Hz).
DIGITAL INTERFACE
The MXD7210GL/HL/ML/NL is easily interfaced with low
cost microcontrollers. For the digital output accelerometer,
one digital input port is required to read one accelerometer
output. For the analog output accelerometer, many low cost
microcontrollers are available today that feature integrated
A/D (analog to digital converters) with resolutions ranging
from 8 to 12 bits.
In many applications the microcontroller provides an
effective approach for the temperature compensation of the
sensitivity and the zero g offset. Specific code set, reference
designs, and applications notes are available from the
factory. The following parameters must be considered in a
digital interface:
Resolution: smallest detectable change in input acceleration
Bandwidth: detectable accelerations in a given period of
time
Acquisition Time: the duration of the measurement of the
acceleration signal
DUTY CYCLE DEFINITION
T1
Length of the “on” portion of the cycle.
T2 (Period)
Length of the total cycle.
Duty Cycle
Ratio of the “0n” time (T1) of the cycle to
the total cycle (T2). Defined as T1/T2.
Pulse width
Time period of the “on” pulse. Defined as
T1.
T2
T1
A (g)= (T1/T2 - 0.5)/0.04
0g = 50% Duty Cycle
T2= 2.5ms or 10ms (factory programmable)
Figure 3: Typical output Duty C ycle
CHOOSING T2 AND COUNTER FREQUENCY
DESIGN TRADE-OFFS
The noise level is one determinant of accelerometer
resolution. The second relates to the measurement
resolution of the counter when decoding the duty cycle
output. The actual resolution of the acceleration signal is
limited by the time resolution of the counting devices used
to decode the duty cycle. The faster the counter clock, the
higher the resolution of the duty cycle and the shorter the
T2 period can be for a given resolution. Table 2 shows
some of the trade-offs. It is important to note that this is the
resolution due to the microprocessors’ counter. It is
probable that the accelerometer’s noise floor may set the
lower limit on the resolution.
T2 (ms)
MEMSIC
Sample
Rate
Counter-
Clock
Rate
(MHz)
Counts
Per T2
Cycle
Counts
per g
Reso-
lution
(mg)
2.5
400
2.0
5000
200
5.0
2.5
400
1.0
2500
100
10
2.5
400
0.5
1250
50
20
10.0
100
2.0
20000
800
1.25
10.0
100
1.0
10000
400
2.5
10.0
100
0.5
5000
200
5.0
Table 2: Trade-Offs Between Microcontroller Counter Rate and
T2 Period.
CONVERTING THE DIGITAL OUTPUT TO AN
ANALOG OUTPUT
The PWM output can be easily converted into an analog
output by integration. A simple RC filter can do the
conversion. Note that that the impedance of the circuit
following the integrator must be much higher than the
impedance of the RC filter. Reference figure 4 for an
example.
1uF
DOUT
AOUT
10K
MEMSIC
Accel.
Figure 4: Converting the digital output to an analog
voltage


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn