Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13191 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC13191
Description  2.4 GHz ISM Band Low Power Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13191 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC13191 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MC13191 Technical Data, Rev. 1.3
6
Freescale Semiconductor
Data Transfer Mode
Figure 3. System Level Block Diagram
Figure 4. MC13191 Packet Structure
Analog Receiver
MC13191
Frequency
Generation
Analog
Transmitter
Voltage
Regulators
Power Up
Management
Control
Logic
Buffer RAM
SPI
and GPIO
Microcontroller
SPI
ROM
(Flash)
RAM
CPU
A/D
Application
Network
MAC
PHY Driver
Preamble
SFD
FLI
Payload Data
FCS
4 bytes
1 byte
1 byte
125 bytes maximum
2 bytes


Similar Part No. - MC13191

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FC FREESCALE-MC13191FC Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FCR2 FREESCALE-MC13191FCR2 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
More results

Similar Description - MC13191

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ELAN Microelectronics C...
EM198810 EMC-EM198810 Datasheet
807Kb / 18P
   2.4 GHz ISM Band Transceiver/Framer IC
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
WALSIN TECHNOLOGY CORPO...
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
   2.4 GHz ISM Band RF applications
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com