Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V700-L12 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part No. V700-L12
Description  A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V700-L12 Datasheet(HTML) 4 Page - Omron Electronics LLC

  V700-L12 Datasheet HTML 1Page - Omron Electronics LLC V700-L12 Datasheet HTML 2Page - Omron Electronics LLC V700-L12 Datasheet HTML 3Page - Omron Electronics LLC V700-L12 Datasheet HTML 4Page - Omron Electronics LLC V700-L12 Datasheet HTML 5Page - Omron Electronics LLC V700-L12 Datasheet HTML 6Page - Omron Electronics LLC V700-L12 Datasheet HTML 7Page - Omron Electronics LLC V700-L12 Datasheet HTML 8Page - Omron Electronics LLC V700-L12 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Electromagnetic Inductive RFID System
V700
■ Antennas
Ambient storage
temperature
−25 to 65°C (with no icing)
Ambient storage
humidity
35% to 95% (with no condensation)
Degree of protection
IEC 60529: IP30 (panel mounted)
Ground
Ground at a resistance of less than 100
Ω. If grounding is not performed properly, transmission specifications may be
adversely affected by the surrounding environment.
Weight
Approx. 290 g
Item
Model
V700-CD1D-V3
V700-CD2D-V3
Item
Model
Oscillation frequency
125 kHz
Insulation resistance
20 M
Ω min. (at 500 VDC) between the cable terminals and the case
Dielectric strength
1,000 VAC (50/60 Hz, 1 minute) between the cable terminals and the case (leakage current: 1 mA max.)
Vibration resistance
10 to 150 Hz, 1.50-mm double amplitude with 2 sweeps of 8 min each in X, Y, and Z directions
Shock resistance
300-m/s2 acceleration for 3 times each in X, Y, and Z directions (18 times in total)
Ambient operating
temperature
−20 to 55°C (with no icing)
Ambient storage
temperature
−35 to 65°C (with no icing)
Ambient operating
humidity
35% to 85% (with no condensation)
Ambient storage
humidity
35% to 95% (with no condensation)
Degree of protection
IEC 60529: IP40 (except connector)
Material
Case: PC/ASA resin; Rear panel: Phenol resin; PVC (The connector is not resistant to water or oil.)
Cable length
Maximum connection distance: 50.1 m using extension cable.
Weight
Approx. 800 g
V700-H01


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn