Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V700-L12 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part No. V700-L12
Description  A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V700-L12 Datasheet(HTML) 2 Page - Omron Electronics LLC

  V700-L12 Datasheet HTML 1Page - Omron Electronics LLC V700-L12 Datasheet HTML 2Page - Omron Electronics LLC V700-L12 Datasheet HTML 3Page - Omron Electronics LLC V700-L12 Datasheet HTML 4Page - Omron Electronics LLC V700-L12 Datasheet HTML 5Page - Omron Electronics LLC V700-L12 Datasheet HTML 6Page - Omron Electronics LLC V700-L12 Datasheet HTML 7Page - Omron Electronics LLC V700-L12 Datasheet HTML 8Page - Omron Electronics LLC V700-L12 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Electromagnetic Inductive RFID System
V700
Controller
V700-CD1D-V3
90
× 65 × 75 mm
RS-232C interface
24 VDC, 1 channel for Antenna
connection
V700-CD2D-V3
RS-485 interface
Maximum number of Controllers that
can be connected: 31
24 VDC, 1 channel for Antenna
connection
Antenna Cable
V700-A40
2 m
Material: Vinyl chloride
The connector is not waterproof.
V700-A41
3 m
V700-A42
5 m
V700-A43
10 m
V700-A44
20 m
V700-A45
30 m
Compact Reader
Writer
V700-HMD11
40
× 53 × 23 mm
RS-232C interface
5 VDC supplied via AC Adapter
2-m cable
V700-HMD11-1
RS-232C interface
5 VDC supplied
from connector
1-m cable
2-m cable
4-m cable
ID Link Unit
V700-L12
110
× 65 × 64 mm
RS-232C and RS-485 interface
Unit for multiple connections
Programming
Console
C200H-PRO27-E
Equipped with the following functions:
Execution status monitor, set value
display, transmission execution,
transmission test, noise measurement,
reading error contents
Programming
Console
Connecting
Cable
V700-P10
2 m
Cable for connecting the V700-CD
@D-
V
@ and C200H-PRO27-E
Name
Model
Specifications/Design


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn