Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V700-L12 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part No. V700-L12
Description  A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V700-L12 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button V700-L12 Datasheet HTML 6Page - Omron Electronics LLC V700-L12 Datasheet HTML 7Page - Omron Electronics LLC V700-L12 Datasheet HTML 8Page - Omron Electronics LLC V700-L12 Datasheet HTML 9Page - Omron Electronics LLC V700-L12 Datasheet HTML 10Page - Omron Electronics LLC V700-L12 Datasheet HTML 11Page - Omron Electronics LLC V700-L12 Datasheet HTML 12Page - Omron Electronics LLC V700-L12 Datasheet HTML 13Page - Omron Electronics LLC V700-L12 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Electromagnetic Inductive RFID System
V700
11
Compact Reader Writer
V700-HMD11
V700-HMD11-1
Controller
V700-CD1D-V3
V700-CD2D-V3
5
27
6
34
53
45.5
513
18
20
Four, R1
Two, 10-dia.
Two, 4.5-dia. mounting holes
6 dia., length: 2 m
Length: 190
Operation indicator
Bushing
Connector:EIAJRC5320AJSAP2(receptacle)
5
27
6
53
45.5
513
18
20
Four, R1
Two, 10-dia.
Two, 4.5-dia. mounting holes
6 dia., length: 1 m, 2 m, 4 m
Operation indicator
Bushing
66
90 100
10
Power
indicator
Operation
indicator
4
4
4
10
10
10
4
75
18
17.5
8
Two, 4.5-dia. mounting holes
21
56
66
90 100
10
Power
indicator
Operation
indicator
4
4
4
10
10
10
4
75
18
17.5
8
Two, 4.5-dia. mounting holes
21
56


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn