Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V700-A41 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # V700-A41
Description  A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V700-A41 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button V700-A41 Datasheet HTML 2Page - Omron Electronics LLC V700-A41 Datasheet HTML 3Page - Omron Electronics LLC V700-A41 Datasheet HTML 4Page - Omron Electronics LLC V700-A41 Datasheet HTML 5Page - Omron Electronics LLC V700-A41 Datasheet HTML 6Page - Omron Electronics LLC V700-A41 Datasheet HTML 7Page - Omron Electronics LLC V700-A41 Datasheet HTML 8Page - Omron Electronics LLC V700-A41 Datasheet HTML 9Page - Omron Electronics LLC V700-A41 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Electromagnetic Inductive RFID System
V700
■ ID Link Unit
■ ID Tag Holder (for V700-D23P31
Coin-shaped ID Tag)
Item
Host interface
RS-232C or RS-485 (special 1:N protocol)
Number of connectable
Antennas
1
Power supply voltage
24 VDC +10%/
−15%
Power consumption
10 W max.
Insulation resistance
50 M
Ω min. (at 500 VDC) between the power supply terminals and the ground terminal
Dielectric strength
1,000 VAC (50/60 Hz, 1 minute) between the power supply terminals and the ground terminal (leakage current: 5 mA
max.)
Vibration resistance
10 to 150 Hz, 0.20-mm double amplitude, 15-m/s2 acceleration with 10 sweeps of 8 min each in X, Y, and Z directions
Shock resistance
150-m/s2 acceleration for 3 times each in X, Y, and Z directions (18 times in total)
Ambient operating
temperature
0 to 40
°C (with no icing)
Ambient operating
humidity
35% to 85% (with no condensation)
Ambient storage
temperature
−15 to 50°C (with no icing)
Ambient storage
humidity
35% to 85% (with no condensation)
Degree of protection
IEC 60529: IP20
Ground
Ground at a resistance of less than 100
Ω. If grounding is not performed properly, transmission specifications may be
adversely affected by the surrounding environment.
Weight
Approx. 185 g
V700-L12
Item
Ambient storage
temperature
Conforms to the specifications for the
V700-D23P31 Coin-shaped ID Tag.
Ambient operating
humidity
No restrictions
Material
PPS resin
Weight
Approx. 5 g
V700-A80


Similar Part No. - V700-A41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V700-A41 OMRON-V700-A41 Datasheet
547Kb / 10P
   A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
V700-A41 OMRON-V700-A41 Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
V700-A41-3M OMRON-V700-A41-3M Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
More results

Similar Description - V700-A41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V700-L12 OMRON-V700-L12 Datasheet
547Kb / 10P
   A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
logo
Agilent(Hewlett-Packard...
L4411A HP-L4411A Datasheet
249Kb / 7P
   Leading the Industry in High-Performance System Test
logo
TXC Corporation.
AX-SERIES TXC-AX-SERIES Datasheet
974Kb / 1P
   Superior and reliable performance in harsh environment.
logo
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
   The RJ45 system for harsh and demanding environment
logo
List of Unclassifed Man...
BNO080 ETC2-BNO080 Datasheet
1Mb / 57P
   The BNO080 is a System in Package (SiP) that integrates a triaxial accelerometer
logo
STMicroelectronics
ST25RU3993-HPEV STMICROELECTRONICS-ST25RU3993-HPEV Datasheet
489Kb / 9P
   High-power RFID reader system
November 2020 Rev 2
logo
Murata Manufacturing Co...
NCP03XH103F05RL MURATA1-NCP03XH103F05RL_V01 Datasheet
582Kb / 3P
   Excellent solderability and high stability in environment
10/11/2022
NCP02WF474F05RH MURATA1-NCP02WF474F05RH Datasheet
583Kb / 3P
   Excellent solderability and high stability in environment
10/11/2022
NCP03WF683E05RL MURATA1-NCP03WF683E05RL_V01 Datasheet
569Kb / 3P
   Excellent solderability and high stability in environment
10/11/2022
NCP15WM154J03RC MURATA1-NCP15WM154J03RC_V01 Datasheet
566Kb / 3P
   Excellent solderability and high stability in environment
10/11/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com