Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-PH01 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LXHL-PH01
Description  Luxeon Emitter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LXHL-PH01 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LXHL-PH01 Datasheet HTML 1Page - List of Unclassifed Manufacturers LXHL-PH01 Datasheet HTML 2Page - List of Unclassifed Manufacturers LXHL-PH01 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXHL-PH01 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXHL-PH01 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXHL-PH01 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXHL-PH01 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXHL-PH01 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXHL-PH01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Flux Characteristics at 350mA, Junction Temperature, TJ = 25ºC
Table 1.
M
Miin
niim
mu
um
m L
Lu
um
miin
no
ou
us
s
T
Ty
yp
piic
ca
all L
Lu
um
miin
no
ou
us
s
F
Fllu
ux
x ((llm
m)) o
orr
F
Fllu
ux
x ((llm
m)) o
orr
R
Ra
ad
diio
om
me
ettrriic
c
R
Ra
ad
diio
om
me
ettrriic
c
L
Lu
ux
xe
eo
on
n
P
Po
ow
we
err ((m
mW
W))
P
Po
ow
we
err ((m
mW
W))
R
Ra
ad
diia
attiio
on
n
C
Co
ollo
orr
E
Em
miitttte
err
Φ
ΦV [1,2]
Φ
ΦV [2]
P
Pa
atttte
errn
n
White
[5]
LXHLBW02
30.6
45
Warm White
LXHLBW03
13.9
20
Green
LXHLBM01
30.6
53
Cyan
LXHLBE01
30.6
45
Blue
[3]
LXHLBB01
8.2
16
Batwing
Royal blue
[4]
LXHLBR02
145 mW
220 mW
Red
LXHLBD01
13.9
27
Red
LXHLBD03
30.6
42
RedOrange
LXHLBH03
39.8
55
Amber
LXHLBL01
10.7
25
Amber
LXHLBL03
23.5
42
White
LXHLPW01
30.6
45
Green
LXHLPM01
30.6
53
Cyan
LXHLPE01
30.6
45
Blue
[3]
LXHLPB01
8.2
16
Lambertian
Royal Blue
[4]
LXHLPR03
145 mW
220 mW
Red
LXHLPD01
30.6
44
RedOrange
LXHLPH01
39.8
55
Amber
LXHLPL01
23.5
42
White
LXHLDW01
23.5
40.5
Green
LXHLDM01
23.5
48
Cyan
LXHLDE01
23.5
40.5
Blue
[3]
LXHLDB01
8.2
14.5
Side Emitting
Royal blue
[4]
LXHLDR01
115 mW
198 mW
Red
LXHLDD01
30.6
40
RedOrange
LXHLDH01
39.8
50
Amber
LXHLDL01
23.5
38
Notes for Table 1:
1.
Minimum luminous flux or radiometric power performance guaranteed within published operating conditions. Lumileds
maintains a tolerance of ± 10% on flux and power measurements.
2.
Luxeon types with even higher luminous flux levels will become available in the future. Please consult your Lumileds
Authorized Distributor or Lumileds sales representative for more information.
3.
Minimum flux value for 470 nm devices. Due to the CIE eye response curve in the short blue wavelength range, the
minimum luminous flux will vary over the Lumileds' blue color range. Luminous flux will vary from a minimum of 6.3 lm
at 460 nm to a typical of 20 lm at 480 nm due to this effect. Although the luminous power efficiency is lower in the short
blue wavelength range, radiometric power efficiency increases as wavelength decreases. For more information, consult
the Luxeon Design Guide, available upon request.
4.
Royal Blue product is binned by radiometric power and peak wavelength rather than photometric lumens and
dominant wavelength.
5.
In July 2003 Lumileds announced a secondgeneration white batwing product using a new phosphor deposition process
resulting in improved color uniformity, LXHLBW02.
Luxeon Emitter DS25 (4/05)
4


Similar Part No. - LXHL-PH01

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-PH01 LUMILEDS-LXHL-PH01 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
LXHL-PH01-S00 LUMILEDS-LXHL-PH01-S00 Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
More results

Similar Description - LXHL-PH01

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
DS25A LUMILEDS-DS25A Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
logo
List of Unclassifed Man...
LXZ2-4070 ETC2-LXZ2-4070_14 Datasheet
2Mb / 23P
   LUXEON Z LUXEON Z ES
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
LHUV-0380-0150 LUMILEDS-LHUV-0380-0150 Datasheet
1Mb / 15P
   LUXEON UV
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
List of Unclassifed Man...
LXHL-LB3C ETC-LXHL-LB3C Datasheet
242Kb / 14P
   Luxeon III Star
LXZ1-PM01 ETC2-LXZ1-PM01_14 Datasheet
3Mb / 28P
   LUXEON Z Color Protfolio
logo
Lumileds Lighting Compa...
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com