Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IM13400 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IM13400
Description  Cyntec IPM is integrated drive, protection and system control functions that is designed for high performance 3-phase motor driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IM13400 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IM13400 Datasheet HTML 1Page - List of Unclassifed Manufacturers IM13400 Datasheet HTML 2Page - List of Unclassifed Manufacturers IM13400 Datasheet HTML 3Page - List of Unclassifed Manufacturers IM13400 Datasheet HTML 4Page - List of Unclassifed Manufacturers IM13400 Datasheet HTML 5Page - List of Unclassifed Manufacturers IM13400 Datasheet HTML 6Page - List of Unclassifed Manufacturers IM13400 Datasheet HTML 7Page - List of Unclassifed Manufacturers IM13400 Datasheet HTML 8Page - List of Unclassifed Manufacturers IM13400 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LDIP-IPM IM13400
Description
Cyntec IPM is integrated drive, protection and system control
functions that is designed for high performance 3-phase motor driver
application like:
Home appliances applications.
Inverter drive parts for AC/DC motor driving.
Features
High latch-up immunity.
Low switching loss and higher short-circuit withstanding capability.
Low temperature coefficient effect both for driver and IGBT.
Integrated driver IC to reduce the PCB size and layout effort.
High noise rejection capability.
Under-voltage lockout protection both for high and low side IGBT.
High Vcc and Input signal port voltage rating.
Good thermal performance.
Matched propagation delay for three arms.
Automatic shut-off the high and low side IGBT to avoid shoot-through conduction in case the
driving signal is abnormal.
Provided a fault signal (FO pin) and shut-off internal IGBT, when OC/SC and under-voltage
situation are occurred.
HEAT SINK SIDE
Detail A
14 VCC
15 GND
16 CIN
17 CFO
18 FO
19 LIN1
20 LIN2
21 LIN3
22 P
23 U
24 V
25 W
26 N
1 HIN1
2 VCC
3 VB1
4 VS1
5 HIN2
6 VCC
7 VB2
8 VS2
9 HIN3
10 VCC
11 VSS
12 VB3
13 VS3
Detail C
(t=0.7)
Detail B
(t=0.7)
TERMINAL CODE
Figure 1. Package Outlines
PAGE 1
OF 1
TITLE: ENGINEERING SPEC. OF LDIP IPM 600V 20A
DOCUMENT
NO.
IM13400
PAGE
REV.
A6
UNLESS OTHERWISE SPECIFIED
TOLERQNCES ON ﹕
X
= ±
X.X
= ±
X.XX
= ±
ANGLES ± HOLE DIA. ±
SCALE ﹕ X
UNIT ﹕ X
APPROVED BY ﹕
DRAWN
BY ﹕
DESIGNED BY ﹕
CHECKED
BY ﹕
THIS DRAWINGS AND SPECIFICATIONS ARE THE PROPERTY OF CYNTEC CO., LTD.
AND SHALL NOT BE REPRODUCED OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS OR DEVICES WITHOUT PERMISSION
CYNTEC CO., LTD.


Similar Part No. - IM13400

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
IM13GR MACOM-IM13GR Datasheet
795Kb / 11P
   The Best Relaytion
IM13GR MACOM-IM13GR Datasheet
2Mb / 28P
   IM Series Signal Relays
More results

Similar Description - IM13400

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IMI111T-026H INFINEON-IMI111T-026H Datasheet
745Kb / 35P
   IMI111T - iMOTION™ IPM for motor control Fully integrated high-performance turnkey motor control system
1.1 2022-12-09
logo
E-Tech Electronics LTD
GMPSA42 ETL-GMPSA42 Datasheet
138Kb / 2P
   The GMPSA42 is designed for application that requires high voltage
GMPSA44S ETL-GMPSA44S Datasheet
190Kb / 2P
   The GMPSA44S is designed for application that requires high voltage.
GMPSA94S ETL-GMPSA94S Datasheet
141Kb / 2P
   The GMPSA94S is designed for application that requires high voltage
GMPSA94 ETL-GMPSA94 Datasheet
137Kb / 2P
   The GMPSA94 is designed for application that requires high voltage
GMPSA44 ETL-GMPSA44 Datasheet
129Kb / 2P
   The GMPSA44 is designed for application that requires high voltage
GSA684 ETL-GSA684 Datasheet
146Kb / 1P
   The GSA684 is designed for power amplifier and driver
logo
Rohm
BH55110KV ROHM-BH55110KV Datasheet
546Kb / 17P
   System Motor Driver IC for Slim Drive (3 sensors)
logo
E-Tech Electronics LTD
GS204U ETL-GS204U Datasheet
152Kb / 2P
   The GS204U is designed for bias circuit and protection circuit.
logo
STMicroelectronics
GS-DC200 STMICROELECTRONICS-GS-DC200 Datasheet
92Kb / 7P
   STEPPER MOTOR CONTROL AND DRIVE SYSTEM FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com