Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IM13400 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. IM13400
Description  Cyntec IPM is integrated drive, protection and system control functions that is designed for high performance 3-phase motor driver
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

IM13400 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MAXIMUM RATINGS (Tj = 25℃)
INVERTER PART
Item
Symbol
Min.
Max.
Unit
Between collector to emitter voltage
VCES
-
600
V
Each IGBT collector current
±
IC ( Tc = 25℃ )
-
20
A
Each IGBT collector current (peak)
±
ICP ( Tc = 25℃, pulse )
-
40
A
Junction temperature
Tj
-20
+150
CONTROL PART
Item
Symbol
Min.
Max.
Unit
Driver IC supply voltage
VCC
-0.3
25
V
P- side floating supply voltage
VB1S1,B2S2,B3S3
-0.3
20
V
Current sensing input voltage
VCIN
-0.3
25
V
Logic input voltage
HIN1,HIN2,HIN3,
LIN1,LIN2,LIN3
-0.3
25
V
Fault output voltage
VFO
-0.3
25
V
TOTAL SYSTEM
Item
Symbol
Min.
Max.
Unit
Module case operating temperature
TC
(Note 1)
-20
+100
Storage temperature
Tstg
-40
+150
Isolation voltage (60Hz Sinusoidal, AC 1
minute, pins to heat-sink plate)
Viso
-
2500
Vrms
Note 1:Tc Measurement Point.
Heat sink boundary
Power Terminals
Control Terminals
Heat sink
Tc
Tc
Figure 3. Tc Measurement Point
PAGE 4
OF 4
TITLE: ENGINEERING SPEC. OF LDIP IPM 600V 20A
DOCUMENT
NO.
IM13400
PAGE
REV.
A6
UNLESS OTHERWISE SPECIFIED
TOLERQNCES ON ﹕
X
= ±
X.X
= ±
X.XX
= ±
ANGLES ± HOLE DIA. ±
SCALE ﹕ X
UNIT ﹕ X
APPROVED BY ﹕
DRAWN
BY ﹕
DESIGNED BY ﹕
CHECKED
BY ﹕
THIS DRAWINGS AND SPECIFICATIONS ARE THE PROPERTY OF CYNTEC CO., LTD.
AND SHALL NOT BE REPRODUCED OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS OR DEVICES WITHOUT PERMISSION
CYNTEC CO., LTD.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRADK103-phase 115-230V 0.5HP Variable speed Motor Drive control for Appliances and light Industrial Applications. 1 2 3 4 5 MoreInternational Rectifier
MP6301High Power Switching Applications 3-Phase Motor Drive and Bipolar Drive of Pulse Motor 1 2 3 4 Toshiba Semiconductor
HA13556AFCombination of Spindle and VCM Driver designed for HDD and have Following Functions and Features 1 2 3 4 5 MoreHitachi Semiconductor
GS-DC200STEPPER MOTOR CONTROL AND DRIVE SYSTEM FAMILY 1 2 3 4 5 MoreSTMicroelectronics
TA8429HTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic Full-bridge Driver H-Switch for DC Motor Driver for Switching between Forward and Reve 1 2 3 4 5 MoreToshiba Semiconductor
KA2821DThe KA2821D is a monolithic integrated circuit and suit able as a two-phase stepping motor driver of a 3.5-inch FDD system 1 2 3 4 5 MoreFairchild Semiconductor
2SK2862N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING DC-DC CONVERTER RELAY DRIVE AND MOTOR DRIVER APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
MP4209N CHANNEL MOS TYPE HIGH POER HIGH SPEED SWITCHING APPLICATIONS FOR PRINTER HEAD PIN DRIVER AND PULSE MOTOR DRIVER FOR SOLENOID DRIVER 1 2 3 4 5 Toshiba Semiconductor
L9823Octal Low-Side Driver for bulb resistive and inductive loads with serial input control output protection and diagnostic 1 2 3 4 5 MoreSTMicroelectronics
L9825Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control Output Protection and Diagnostic 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn