Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5392BST-5 Datasheet(PDF) 27 Page - Analog Devices

Part # AD5392BST-5
Description  32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5392BST-5 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5392BST-5 Datasheet HTML 23Page - Analog Devices AD5392BST-5 Datasheet HTML 24Page - Analog Devices AD5392BST-5 Datasheet HTML 25Page - Analog Devices AD5392BST-5 Datasheet HTML 26Page - Analog Devices AD5392BST-5 Datasheet HTML 27Page - Analog Devices AD5392BST-5 Datasheet HTML 28Page - Analog Devices AD5392BST-5 Datasheet HTML 29Page - Analog Devices AD5392BST-5 Datasheet HTML 30Page - Analog Devices AD5392BST-5 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
AD5382
Rev. 0 | Page 27 of 40
Daisy-Chain Mode
For systems that contain several devices, the SDO pin may be
used to daisy-chain several devices together. This daisy-chain
mode can be useful in system diagnostics and in reducing the
number of serial interface lines.
By connecting the DCEN (Daisy-Chain Enable) pin high, daisy-
chain mode is enabled. The first falling edge of SYNC starts the
write cycle. The SCLK is continuously applied to the input shift
register when SYNC is low. If more than 24 clock pulses are
applied, the data ripples out of the shift register and appears on
the SDO line. This data is clocked out on the rising edge of
SCLK and is valid on the falling edge. By connecting the SDO of
the first device to the DIN input on the next device in the chain,
a multidevice interface is constructed. Twenty-four clock pulses
are required for each device in the system. Therefore, the total
number of clock cycles must equal 24N, where N is the total
number of AD538x devices in the chain.
When the serial transfer to all devices is complete, SYNC is
taken high. This latches the input data in each device in the
daisy-chain and prevents any further data from being clocked
into the input shift register.
If the SYNC is taken high before 24 clocks are clocked into the
part, this is considered a bad frame and the data is discarded.
The serial clock may be either a continuous or a gated clock. A
continuous SCLK source can only be used if it can be arranged
that SYNC is held low for the correct number of clock cycles. In
gated clock mode, a burst clock containing the exact number of
clock cycles must be used and SYNC must be taken high after
the final clock to latch the data.
Readback Mode
Readback mode is invoked by setting the R/W bit = 1 in the
serial input register write. With R/W = 1, Bits A4 to A0, in
association with Bits REG1 and REG0, select the register to be
read. The remaining data bits in the write sequence are don’t
cares. During the next SPI write, the data appearing on the SDO
output will contain the data from the previously addressed
register. For a read of a single register, the NOP command can
be used in clocking out the data from the selected register on
SDO. Figure 30 shows the readback sequence. For example, to
read back the M register of channel 0 on the AD5382, the
following sequence should be implemented. First, write
0x404XXX to the AD5382 input register. This configures the
AD5382 for read mode with the m register of Channel 0
selected. Note that data bits DB13 to DB0 are don’t cares. Follow
this with a second write, a NOP condition, 0x000000. During
this write, the data from the m register is clocked out on the
DOUT line, i.e., data clocked out will contain the data from the
m register in Bits DB13 to DB0, and the top 10 bits contain the
address information as previously written. In readback mode,
the SYNC signal must frame the data. Data is clocked out on the
rising edge of SCLK and is valid on the falling edge of the SCLK
signal. If the SCLK idles high between the write and read
operations of a readback operation, the first bit of data is
clocked out on the falling edge of SYNC.
24
48
SCLK
SYNC
DIN
SDO
UNDEFINED
SELECTED REGISTER DATA CLOCKED OUT
NOP CONDITION
INPUT WORD SPECIFIES REGISTER TO BE READ
DB23
DB0
DB0
DB23
DB23
DB0
DB0
DB23
Figure 30. Serial Readback Operation


Similar Part No. - AD5392BST-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5392BST-5 AD-AD5392BST-5 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5392BST-5 AD-AD5392BST-5 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5392BST-5-REEL AD-AD5392BST-5-REEL Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
More results

Similar Description - AD5392BST-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5382 AD-AD5382_15 Datasheet
872Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit denseDAC
REV. D
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD5383 AD-AD5383_15 Datasheet
726Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
REV. D
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
AD5380 AD-AD5380_15 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
REV. D
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com