Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

550D336X0020R2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 550D336X0020R2
Description  Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

550D336X0020R2 Datasheet(HTML) 5 Page - Vishay Siliconix

  550D336X0020R2 Datasheet HTML 1Page - Vishay Siliconix 550D336X0020R2 Datasheet HTML 2Page - Vishay Siliconix 550D336X0020R2 Datasheet HTML 3Page - Vishay Siliconix 550D336X0020R2 Datasheet HTML 4Page - Vishay Siliconix 550D336X0020R2 Datasheet HTML 5Page - Vishay Siliconix 550D336X0020R2 Datasheet HTML 6Page - Vishay Siliconix 550D336X0020R2 Datasheet HTML 7Page - Vishay Siliconix 550D336X0020R2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 40017
Revision 11-Nov-04
www.vishay.com
28
550D
Vishay Sprague
For technical questions, contact tantalum@vishay.com
PERFORMANCE CHARACTERISTICS
1.
Operating Temperature: Capacitors are designed
to operate over the temperature range of - 55°C to
+85°C with no derating.
1.1
Capacitors may be operated up to + 125°C with voltage
derating to two-thirds the + 85°C rating.
2.
DC Working Voltage: The DC working voltage is the
maximum operating voltage for continuous duty at the
rated temperature.
3.
Surge Voltage: The surge DC rating is the maximum
voltage to which the capacitors may be subjected
under any conditions, including transients and peak
ripple at the highest line voltage.
3.1
Surge Voltage Test: Capacitors shall withstand the
surge voltage applied in series with a 33 ohm ± 5%
resistor at the rate of one-half minute on, one-half
minute off, at + 85°C, for 1000 successive test cycles.
3.2
Following the surge voltage test, the dissipation factor
and the leakage current shall meet the initial
requirements; the capacitance shall not have changed
more than ± 10%.
4.
Capacitance Tolerance: The capacitance of all
capacitors shall be within the specified tolerance limits
of the nominal rating.
4.1
Capacitance measurements shall be made by means
of polarized capacitance bridge. The polarizing
voltage shall be of such magnitude that there shall be
no reversal of polarity due to the AC component. The
maximum voltage applied to capacitors during
measurement shall be 2 volts rms at 1000Hz at + 25°C.
If the AC voltage applied is less than one-half volt rms,
no DC bias is required. Measurement accuracy of the
bridge shall be within ± 2%.
5.
Capacitance Change With Temperature: The
capacitance change with temperature shall not
exceed the following percentage of the capacitance
measured at + 25%
6.
Dissipation Factor: The dissipation factor,
determined from the expression 2πfRC, shall not
exceed values listed in the Standard Ratings Table.
6.1
Measurements shall be made by the bridge method
at, or referred to, a frequency of 1000Hz and a
temperature of + 25°C.
7.
Leakage Current: Capacitors shall be stabilized at
the rated temperature for 30 minutes. Rated voltage
shall be applied to capacitors for 5 minutes using a
steady source of power (such as a regulated power
supply) with 1000 ohm resistor connected in series with
the capacitor under test to limit the charging current.
Leakage current shall then be measured.
Note that the leakage current varies with applied voltage. See graph
below for the appropriate adjustment factor.
7.1
At + 25
°C, the leakage current shall not exceed the
value listed in the Standard Ratings Table.
7.2
At + 85
°C, the leakage current shall not exceed 10
times the value listed in the Standard Ratings Table.
7.3
At + 125
°C, the leakage current shall not exceed 15
times the value listed in the Standard Ratings Table.
8.
Life Test: Capacitors shall withstand rated DC voltage
applied at + 85°C for 2000 hours or rated DC voltage
applied at + 125°C for 1000 hours.
8.1
Following the life test, the dissipation factor shall meet
the initial requirement; the capacitance change shall
not exceed ± 2%; the leakage current shall not exceed
125% of the original requirement.
- 55°C
- 10%
+ 85°C
+ 8%
+ 125°C
+ 12%
WORKING
SURGE
WORKING
SURGE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
(V)
(V)
(V)
(V)
68
4
5
10
13
7
9
15
20
10
12
20
26
13
16
35
46
23
28
50
65
33
40
+ 85
°C Rating
+ 125
°C Rating
TYPICAL LEAKAGE CURRENT FACTOR RANGE
1.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0.008
0.007
0.006
0.005
0.004
0.003
0.002
0.001
0
PERCENT OF RATED VOLTAGE
10
30
20
90
40
50
60
70
80
100
At
+ 25
°C


Similar Part No. - 550D336X0020R2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
550D336X0020R2 VISHAY-550D336X0020R2 Datasheet
148Kb / 9P
   Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Revision: 28-Aug-08
More results

Similar Description - 550D336X0020R2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
550D VISHAY-550D_08 Datasheet
148Kb / 9P
   Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Revision: 28-Aug-08
173D VISHAY-173D Datasheet
81Kb / 6P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Revision 13-Jun-02
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com