Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-LR3C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LXHL-LR3C
Description  Luxeon III Star
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LXHL-LR3C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LXHL-LR3C Datasheet HTML 1Page - List of Unclassifed Manufacturers LXHL-LR3C Datasheet HTML 2Page - List of Unclassifed Manufacturers LXHL-LR3C Datasheet HTML 3Page - List of Unclassifed Manufacturers LXHL-LR3C Datasheet HTML 4Page - List of Unclassifed Manufacturers LXHL-LR3C Datasheet HTML 5Page - List of Unclassifed Manufacturers LXHL-LR3C Datasheet HTML 6Page - List of Unclassifed Manufacturers LXHL-LR3C Datasheet HTML 7Page - List of Unclassifed Manufacturers LXHL-LR3C Datasheet HTML 8Page - List of Unclassifed Manufacturers LXHL-LR3C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Luxeon III Star DS46 (3/05)
4
Optical Characteristics at 700mA, Junction Temperature, TJ = 25ºC
Table 4.
D
Do
om
miin
na
an
ntt W
Wa
av
ve
elle
en
ng
gtth
h[[11]]
T
Te
em
mp
pe
erra
attu
urre
e
λλD
D,,
C
Co
oe
effffiic
ciie
en
ntt o
off
T
To
otta
all
P
Pe
ea
ak
k W
Wa
av
ve
elle
en
ng
gtth
h[[22]]
λλPP,,
S
Sp
pe
ec
cttrra
all
D
Do
om
miin
na
an
ntt
IIn
nc
cllu
ud
de
ed
d
V
Viie
ew
wiin
ng
g
o
orr C
Co
ollo
orr T
Te
em
mp
pe
erra
attu
urre
e[[33]]
H
Ha
allff w
wiid
dtth
h[[44]]
W
Wa
av
ve
elle
en
ng
gtth
h
A
An
ng
glle
e[[55]]
A
An
ng
glle
e[[66]]
R
Ra
ad
diia
attiio
on
n
C
CC
CT
T
((n
nm
m))
((n
nm
m//ooC
C))
((d
de
eg
grre
ee
es
s))
((d
de
eg
grre
ee
es
s))
P
Pa
atttte
errn
n
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
∆∆λλ
1
1//2
2
∆∆λλ
D
D/
/
∆∆TT
J
J
θθ
0
0..9
90
0V
V
2
2
θθ 11//22
White
4500K
5500K
10000K
Green
520nm
530nm
550nm
35
0.04
160
140
Lambertian
Cyan
490nm
505nm
520nm
30
0.04
160
140
Blue
460nm
470nm
490nm
25
0.04
160
140
Royal Blue
[2]
440nm
455nm
460nm
20
0.04
160
140
Optical Characteristics at 700mA, Junction Temperature, TJ = 25ºC
Continued
Table 5.
T
Te
em
mp
pe
erra
attu
urre
e
T
Ty
yp
piic
ca
all
D
Do
om
miin
na
an
ntt W
Wa
av
ve
elle
en
ng
gtth
h[[11]]
C
Co
oe
effffiic
ciie
en
ntt o
off
T
To
otta
all F
Fllu
ux
x
T
Ty
yp
piic
ca
all
λλD
D,,
S
Sp
pe
ec
cttrra
all
D
Do
om
miin
na
an
ntt
P
Pe
errc
ce
en
ntt
A
An
ng
glle
e
o
orr C
Co
ollo
orr T
Te
em
mp
pe
erra
attu
urre
e[[33]]
H
Ha
allff w
wiid
dtth
h[[44]]
W
Wa
av
ve
elle
en
ng
gtth
h
w
wiitth
hiin
n
o
off P
Pe
ea
ak
k
R
Ra
ad
diia
attiio
on
n
C
CC
CT
T
((n
nm
m))
((n
nm
m//ooC
C))
ffiirrs
stt 4
45
5°° [[77]]
IIn
ntte
en
ns
siitty
y [[88]]
P
Pa
atttte
errn
n
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
C
Cu
um
m
Φ
Φ
4
45
5°°
∆∆λλ
D
D/
/
∆∆TT
J
J
C
Cu
um
m
Φ
Φ
4
45
5°°
θθ
P
Pe
ea
ak
k
White
4500K
5500K
10000K
<15%
75°
85°
Side Emitting
Green
520nm
530nm
550nm
35
0.04
<15%
75°
85°
Blue
460nm
470nm
490nm
20
0.04
<15%
75°
85°
Notes: (for Tables 4 & 5)
1.
Dominant wavelength is derived from the CIE 1931 Chromaticity diagram and represents the perceived color. Lumileds
maintains a tolerance of ± 0.5nm for dominant wavelength measurements.
2.
Royal Blue product is binned by radiometric power and peak wavelength rather than photometric lumens and dominant
wavelength. Lumileds maintains a tolerance of
± 2nm for peak wavelength measurements.
3.
CRI (Color Rendering Index) for White product types is 70. CRI for Warm White product type is 90 with typical Rg value of
70. CCT ±5% tester tolerance.
4.
Spectral width at ½ of the peak intensity.
5.
Total angle at which 90% of total luminous flux is captured.
6.
θ½ is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
7.
Cumulative flux percent within ± 45° from optical axis.
8.
Off axis angle from lamp centerline where the luminous intensity reaches the peak value.
9.
All white, green, cyan, blue and royal blue products built with Indium Gallium Nitride (InGaN). All red, redorange and abmer
products built with Aluminum Indium Gallium Phosphide (AlInGaP).
10. Blue and Royal Blue power light sources represented here are IEC825 Class 2 for eye safety.


Similar Part No. - LXHL-LR3C

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-LR3C LUMILEDS-LXHL-LR3C Datasheet
368Kb / 15P
   power light source LUXEON짰 III Star
More results

Similar Description - LXHL-LR3C

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
DS23A LUMILEDS-DS23A Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
logo
Zetex Semiconductors
DN71 ZETEX-DN71 Datasheet
87Kb / 2P
   ZXSC400 Solution for Luxeon V Star high powered LED
logo
Lumileds Lighting Compa...
DS46 LUMILEDS-DS46 Datasheet
368Kb / 15P
   power light source LUXEON짰 III Star
logo
List of Unclassifed Man...
MG-S01SP ETC2-MG-S01SP Datasheet
319Kb / 12P
   SiRF Star III LowPower GPS Module
LXZ2-4070 ETC2-LXZ2-4070_14 Datasheet
2Mb / 23P
   LUXEON Z LUXEON Z ES
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
LHUV-0380-0150 LUMILEDS-LHUV-0380-0150 Datasheet
1Mb / 15P
   LUXEON UV
logo
List of Unclassifed Man...
LXHL-BW02 ETC-LXHL-BW02 Datasheet
579Kb / 18P
   Luxeon Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com