Electronic Components Datasheet Search |
|
550D276X0020R2 Datasheet(PDF) 3 Page - Vishay Siliconix |
|
550D276X0020R2 Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 8 page Document Number: 40017 Revision 11-Nov-04 www.vishay.com 26 550D Vishay Sprague For technical questions, contact tantalum@vishay.com LEAD SIZE TYPE 550D UNITS WITH INSULATING SLEEVE CASE CODE R S 1.374 to 3.626 [34.9 to 92.1] 0.750 [19.05] SECTION "A" - "A" TAPE AND REEL PACKAGING in inches [millimeters] 13 [330.2] STANDARD REEL "A" "A" 1.126 to 3.07 [28.6 to 78.0] I.D. REEL HUB LABEL (4.a) UNITS PER REEL B 2.875 ± 0.062 [73.03 ± 1.57] 2.875 ± 0.062 [73.03 ± 1.57] COMPONENT SPACING A 0.400 ± 0.015 [10.16 ± 0.38] 0.400 ± 0.015 [10.16 ± 0.38] NOM. DIA. 0.025 [0.64] 0.025 [0.64] AWG NO. 22 22 J (MAX.) 0.822 [20.88] 0.922 [23.42] L 0.686 ± 0.031 [17.42 ± 0.79] 0.786 ± 0.031 [19.96 ± 0.79] D 0.289 ± 0.016 [7.34 ± 0.41] 0.351 ± 0.016 [8.92 ± 0.41] TAPE SPACING 500 500 0.625 ± 0.062 [15.88 ± 1.57] DIA. THRU HOLE 0.125 [3.18] MAX. B TAPE SPACING COMPONENT SPACING A 0.031 [0.79] (3.f) (BOTH SIDES) ( 3.f) 0.250 [6.35] (3.b) 0.047 [1.19] MAX. OFF CENTER (1.a) Solid-Electrolyte TANTALEX ® Capacitors for High Frequency Power Supplies STANDARD REEL PACKAGING INFORMATION 1. Component Leads: a. Component leads shall not be bent beyond 0.047" [1.19mm] maximum from their nominal position when measured from the leading edge of the component lead at the inside tape edge and at the lead egress from the component. b. The 'C' dimension shall be governed by the overall length of the reel packaged component. The distance between flanges shall be 0.125" to 0.250" [3.18mm to 6.35mm] greater than the overall component length. 2. Orientation: a. All polarized components must be oriented to one direction. The cathode lead tape shall be a color and the anode lead tape shall be white. 3. Reeling: a. Components on any reel shall not represent more than two date codes when date code identification is required. b. Component leads shall be positioned between pairs of 0.250" [6.35mm] tape. c. The disposable reels have hubs with corrugated fiber board flanges and core or equivalent. d. A minimum of 12" [304.8mm] leader of tape shall be provided before the first and after the last component on the reel. e. 50 or 60 lb. Kraft paper must be wound between layer of components as far as necessary for component protection. Width of paper to be 0.062" to 0.250" [1.57mm to 6.35mm] less than the 'C' dimension of the reel. f. A row of components must be centered between tapes ± 0.047" [1.19mm]. In addition, individual components may deviate from center of component row ± 0.031" [0.79mm]. g. Staples shall not be used for splicing. Not more than 4 layers of tape shall be used in any splice area and no tape shall be offset from another by more than 0.031" [0.79mm] non-cumulative. Tape splices shall overlap at least 6" [152.4mm] for butt joints and at least 3" [76.2mm] for lap joints and shall not be weaker than unspliced tape. Universal splicing clips may also be used. h. Quantity per reel shall be controlled so that tape components and cover shall not extend beyond the smallest dimension of the flange (either across flats or diameter). Once the quantity per reel for each part number has been established, future orders for that part number shall be packaged in that quantity. When order or release quantity is less than the established quantity, a standard commercial pack is to be used. i. A maximum of 0.25% of the components per reel quantity may be missing without consecutive missing components. j. Adequate protection must be provided to prevent physical damage to both reel and components during shipment and storage. 4. Marking: a. Minimum reel and carton marking shall consist of the following: Customer Part Number, Purchase Order No., Quantity, Package Date, Manufacturer's name, Electrical Value, Date Code, Vishay Sprague Part Number and Country of Origin. |
Similar Part No. - 550D276X0020R2 |
|
Similar Description - 550D276X0020R2 |