Electronic Components Datasheet Search |
|
LTC6101BCS5 Datasheet(PDF) 3 Page - Linear Technology |
|
LTC6101BCS5 Datasheet(HTML) 3 Page - Linear Technology |
3 / 20 page LTC6101/LTC6101HV 3 6101fa SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VS Supply Voltage Range ● 460 V VOS Input Offset Voltage VSENSE = 5mV, Gain = 100, LTC6101A ±85 ±300 µV VSENSE = 5mV, Gain = 100, LTC6101AC, LTC6101AI ● ±450 µV VSENSE = 5mV, Gain = 100, LTC6101AH ● ±535 µV VSENSE = 5mV, Gain = 100, LTC6101B ±150 ±450 µV ● ±810 µV VSENSE = 5mV, Gain = 100, LTC6101C ±400 ±1500 µV ● ±2500 µV ∆VOS/∆T Input Offset Voltage Drift VSENSE = 5mV, LTC6101A ● ±1 µV/°C VSENSE = 5mV, LTC6101B ● ±3 µV/°C VSENSE = 5mV, LTC6101C ● ±10 µV/°C IB Input Bias Current RIN = 1M 100 170 nA ● 245 nA IOS Input Offset Current RIN = 1M ● ±2 ±15 nA VSENSE(MAX) Input Sense Voltage Full Scale VOS within Specification, RIN = 1k ● 500 mV PSRR Power Supply Rejection Ratio VS = 6V to 60V, VSENSE = 5mV, Gain = 100 118 140 dB ● 115 dB VS = 4V to 60V, VSENSE = 5mV, Gain = 100 110 133 dB ● 105 dB VOUT Maximum Output Voltage 12V ≤ VS ≤ 60V, VSENSE = 88mV ● 8V VS = 6V, VSENSE = 330mV, RIN = 1k, ROUT = 10k ● 3V VS = 4V, VSENSE = 550mV, RIN = 1k, ROUT = 2k ● 1V VOUT (0) Minimum Output Voltage VSENSE = 0V, Gain = 100, LTC6101A 0 30 mV VSENSE = 0V, Gain = 100, LTC6101AC, LTC6101AI ● 45 mV VSENSE = 0V, Gain = 100, LTC6101AH ● 53.5 mV VSENSE = 0V, Gain = 100, LTC6101B 0 45 mV ● 81 mV VSENSE = 0V, Gain = 100, LTC6101C 0 150 mV ● 250 mV IOUT Maximum Output Current 6V ≤ VS ≤ 60V, ROUT = 2k, VSENSE = 110mV, Gain = 20 ● 1mA VS = 4V, VSENSE = 550mV, Gain = 2, ROUT = 2k ● 0.5 mA tr Input Step Response ∆VSENSE = 100mV Transient, 6V ≤ VS ≤ 60V, Gain = 50 1 µs (to 2.5V on a 5V Output Step) VS = 4V 1.5 µs BW Signal Bandwidth IOUT = 200µA, RIN = 100, ROUT = 5k 140 kHz IOUT = 1mA, RIN = 100, ROUT = 5k 200 kHz IS Supply Current VS = 4V, IOUT = 0, RIN = 1M 220 450 µA ● 475 µA VS = 6V, IOUT = 0, RIN = 1M 240 475 µA ● 525 µA VS = 12V, IOUT = 0, RIN = 1M 250 500 µA ● 590 µA VS = 60V, IOUT = 0, RIN = 1M 375 640 µA LTC6101I, LTC6101C ● 690 µA LTC6101H ● 720 µA ELECTRICAL CHARACTERISTICS (LTC6101) The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C, RIN = 100Ω, ROUT = 10k, VSENSE+ = V+ (see Figure 1 for details), 4V ≤ VS ≤ 60V unless otherwise noted. |
Similar Part No. - LTC6101BCS5 |
|
Similar Description - LTC6101BCS5 |