Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5122 Datasheet(PDF) 15 Page - Analog Devices

Part No. AD5122
Description  Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5122 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5122_17 Datasheet HTML 11Page - Analog Devices AD5122_17 Datasheet HTML 12Page - Analog Devices AD5122_17 Datasheet HTML 13Page - Analog Devices AD5122_17 Datasheet HTML 14Page - Analog Devices AD5122_17 Datasheet HTML 15Page - Analog Devices AD5122_17 Datasheet HTML 16Page - Analog Devices AD5122_17 Datasheet HTML 17Page - Analog Devices AD5122_17 Datasheet HTML 18Page - Analog Devices AD5122_17 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
AD5122/AD5142
Rev. C | Page 15 of 32
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0
50
100
CODE (Decimal)
10k
Ω, –40°C
10k
Ω, +25°C
10k
Ω, +125°C
100k
Ω, –40°C
100k
Ω, +25°C
100k
Ω, +125°C
Figure 14. INL vs. Code (AD5122)
–50
0
50
100
150
200
250
300
350
400
450
CODE (Decimal)
100k
10k
0
50
100
150
200
255
0
25
50
75
100
127
AD5122
AD5142
Figure 15. Potentiometer Mode Temperature Coefficient ((ΔVW/VW)/ΔT × 106)
vs. Code
800
0
100
200
300
400
500
600
700
–40
–20
120
100
80
60
40
20
0
TEMPERATURE (°C)
VDD = 2.3V
VDD = 3.3V
VDD = 5.5V
VDD = VLOGIC
VSS = GND
Figure 16. IDD vs. Temperature
1000
900
800
0
100
200
300
400
500
600
700
–40
–20
120
100
80
60
40
20
0
TEMPERATURE (°C)
VLOGIC = 2.3V
VLOGIC = 3.3V
VLOGIC = 5.5V
VDD = VLOGIC
VSS = GND
Figure 17. ILOGIC vs. Temperature
–0.14
–0.12
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0
50
100
CODE (Decimal)
10k
Ω, –40°C
10k
Ω, +25°C
10k
Ω, +125°C
100k
Ω, –40°C
100k
Ω, +25°C
100k
Ω, +125°C
Figure 18. DNL vs. Code (AD5122)
–50
0
50
100
150
200
250
300
350
400
450
10kΩ
100kΩ
CODE (Decimal)
0
50
100
150
200
255
0
25
50
75
100
127
AD5122
AD5142
Figure 19. Rheostat Mode Temperature Coefficient ((ΔRWB/RWB)/ΔT × 106)
vs. Code


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn