Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BF543 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. BF543
Description  N-Channel MOS-Fieldeffect Triode, Depletion Mode
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BF543 Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BF543
Document Number 85072
Rev. 1.5, 05-Jul-05
Vishay Semiconductors
www.vishay.com
1
19240
3
2
1
Electrostatic sensitive device.
Observe precautions for handling.
G
D
S
N-Channel MOS-Fieldeffect Triode, Depletion Mode
Features
• Integrated gate protection diode
• Low feedback capacitance
• Low noise figure
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
High frequency stages up to 300 MHz.
Mechanical Data
Case: SOT-23 Plastic case
Weight: approx. 8.0 mg
Pinning: 1 = Source, 2 = Gate, 3 = Drain
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Maximum Thermal Resistance
1) on glass fibre printed board (25 x 20 x 1.5) mm3 plated with 35
µm Cu
Part
Marking
Package
BF543
LD
SOT-23
Parameter
Test condition
Symbol
Value
Unit
Drain - source voltage
VDS
20
V
Drain current
ID
30
mA
Gate - source peak current
±IGSM
10
mA
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
-55 to +150
°C
Parameter
Test condition
Symbol
Value
Unit
Channel ambient
1)
RthChA
450
K/W
e3


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn