Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K73-62 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # K73-62
Description  FILM AND PAPER-FILM CAPACITORS
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K73-62 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button K73-62 Datasheet HTML 55Page - List of Unclassifed Manufacturers K73-62 Datasheet HTML 56Page - List of Unclassifed Manufacturers K73-62 Datasheet HTML 57Page - List of Unclassifed Manufacturers K73-62 Datasheet HTML 58Page - List of Unclassifed Manufacturers K73-62 Datasheet HTML 59Page - List of Unclassifed Manufacturers K73-62 Datasheet HTML 60Page - List of Unclassifed Manufacturers K73-62 Datasheet HTML 61Page - List of Unclassifed Manufacturers K73-62 Datasheet HTML 62Page - List of Unclassifed Manufacturers K73-62 Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 176 page
background image
ЭЛКОД
ЭЛКОД
59
Номинальная емкость
0,47...50 мкФ
Rated capacitance
0,47...50 µF
Номинальное переменное
(эффективное) напряжение
частотой 50...60 Гц
250; 400;
450; 750 Bэфф
Rated AC voltage, V eff 50...60 Hz
250; 400;
450; 750 Veff
Допускаемое отклонение емкости
для 450 В~х3,75 мкФ
±5; ±10; ±20%
±4; ±5; ±10; ±20%
Capacitance tolerance
for 450V~х3,75 µF
±5; ±10; ±20
±4; ±5; ±10; ±20%
Тангенс угла потерь при f = 1кГц
≤0,012
Dissipation factor at f = 1kHz
≤0,012
Постоянная времени
≥2000 MOм·мкФ
Time constant
≥2000 MOhm·µF
Интервал рабочих температур
-60...+70
oC
Operating temperature range
-60...+70
oC
Наработка
10 000 ч
Operating time
10 000 hours
Срок сохраняемости
10 лет
Shelf life
10 years
Климатическое исполнение
УХЛ (93±3% относит.
влажности при
40±2
oC, 21 сутки)
Climatic categories
RH 93±3%,
40±2
oC, 21 days
Обозначение при заказе:
Конденсатор К73-54а-250 В~-10мкФ-±10%-Lmax*
(*Lmax указывается для Uном=250В,Cном =16...30 мкФ
)
Ordering example:
Capacitor K73-54а-250V~-10µF-±10%- Lmax *
(* Lmax is for Ur=250 V, Cr=16...30 µF)
Uном~, В
Ur ~ ,V
250 ~
400 ~
450 ~
Сном, мкФ
Cr, µF
Dmax,
mm
Lmax,
mm
Масса, г
Mass, g
max
Dmax,
mm
Lmax,
mm
Масса, г
Mass, g
max
Dmax,
mm
Lmax,
mm
Масса, г
Mass, g
max
0.47
18
20
0.68
22
30
30
1.0
12
12
17
30
1.6
16
14
20
36
2.0
17
18
22
42
2.5
19
23
24
48
3.0
20
24
26
60
3.5
21
44
26
28
60
65
3.75**
20
36
28
65
70
4.0
21
40
30
60
70
5.0
22
42
28
100
36
180
6.0
24
48
32
120
40
200
7.0
26
60
34
160
44
230
8.0
28
74
36
180
46
80
250
9
30
90
38
190
42
250
10
32
100
40
200
45
280
12
34
115
42
220
48
290
14
36
60
120
46
80
250
53
400
28
102
130
16
32
80
120
42
250
56
420
30
102
160
18
34
80
150
45
280
60
500
32
102
180
20
36
80
170
48
290
63
102
600
36
102
200
25
40
80
200
53
400
38
102
230
30
45
80
210
58
102
460
40
45
102
280
50
50
102
340
Uном~, В/Ur ~ ,V
750 ~
Сном,мкФ/Cr, µF
Dmax, mm
Lmax, mm
Mass, g max
0.5
22
60
42
1.0
30
60
90
1.5
34
102
180
2.0
38
102
210


Similar Part No. - K73-62

ManufacturerPart #DatasheetDescription
logo
KATHREIN Solutions GmbH
K733147 KATHREIN-K733147 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
More results

Similar Description - K73-62

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
Cornell Dubilier Electr...
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
EPCOS
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com