Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K73-54 Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # K73-54
Description  FILM AND PAPER-FILM CAPACITORS
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K73-54 Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button K73-54 Datasheet HTML 93Page - List of Unclassifed Manufacturers K73-54 Datasheet HTML 94Page - List of Unclassifed Manufacturers K73-54 Datasheet HTML 95Page - List of Unclassifed Manufacturers K73-54 Datasheet HTML 96Page - List of Unclassifed Manufacturers K73-54 Datasheet HTML 97Page - List of Unclassifed Manufacturers K73-54 Datasheet HTML 98Page - List of Unclassifed Manufacturers K73-54 Datasheet HTML 99Page - List of Unclassifed Manufacturers K73-54 Datasheet HTML 100Page - List of Unclassifed Manufacturers K73-54 Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 176 page
background image
ЭЛКОД
ЭЛКОД
97
Допустимые значения напряжения в зависимости от частоты определяются соотношением:
Permissible Urms is expressed by
2
πU2fC(3.10-4Rt + 2πfCReRt + 2fCKp) < A,
где А = 12 для Ur = 250В, А = 38 для остальных номиналов.
where А = 12 for Ur = 250V, А = 38 for Ur>250V
Ur, V
Cr,
µF
Re, 10
-4
Rt
Kp, 10
-4
0.22
0.402
0.33
0.305
0.47
0.255
0.68
0.214
1
0.180
2.2
0.117
3.3
0.250
3.9
0.236
4.7
0.204
6.8
0.154
10
0.127
250
22
0
0.047
0
0.22
8.95
0.385
177.00
0.33
5.96
0.323
82.14
0.47
4.18
0.253
41.66
0.68
2.89
0.238
20.33
1
1.97
0.187
9.55
2.2
0.89
0.125
2.01
3.9
1.39
0.144
2.15
4.7
1.15
0.127
1.48
10
0.62
0.090
0.43
22
0.81
0.048
0.27
33
0.54
0.036
0.12
47
0.73
0.037
0.11
350
68
1.33
0.042
0.15
0.1
11.80
0.416
234.91
0.22
5.36
0.267
52.41
0.33
3.57
0.247
23.82
0.68
1.73
0.167
5.74
1
1.18
0.143
2.68
2.2
1.47
0.130
1.86
3.3
0.98
0.102
0.83
3.9
2.65
0.140
2.16
4.7
2.20
0.123
1.49
6.8
1.52
0.106
0.71
10
1.03
0.050
0.33
22
0.97
0.040
0.15
33
1.67
0.045
0.18
500
47
1.47
0.043
0.16
0.1
23.50
0.514
187.06
0.22
10.68
0.314
41.40
0.33
7.12
0.258
18.77
0.47
5.00
0.217
9.37
1
2.35
0.140
2.10
2.2
1.07
0.095
0.44
3.3
1.71
0.100
0.54
4.7
1.20
0.052
0.27
6.8
0.83
0.039
0.13
800
10
1.64
0.046
0.19
0.1
16.59
0.421
96.68
0.22
7.54
0.262
21.00
0.33
5.03
0.217
9.47
0.47
3.53
0.183
4.71
1
1.66
0.120
1.05
2.2
1.82
0.109
0.60
3.3
1.21
0.043
0.27
4.7
0.85
0.039
0.13
1000
6.8
1.71
0.046
0.21


Similar Part No. - K73-54

ManufacturerPart #DatasheetDescription
logo
KATHREIN Solutions GmbH
K733147 KATHREIN-K733147 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
More results

Similar Description - K73-54

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
Cornell Dubilier Electr...
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
EPCOS
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com