Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K73-54 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # K73-54
Description  FILM AND PAPER-FILM CAPACITORS
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K73-54 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button K73-54 Datasheet HTML 72Page - List of Unclassifed Manufacturers K73-54 Datasheet HTML 73Page - List of Unclassifed Manufacturers K73-54 Datasheet HTML 74Page - List of Unclassifed Manufacturers K73-54 Datasheet HTML 75Page - List of Unclassifed Manufacturers K73-54 Datasheet HTML 76Page - List of Unclassifed Manufacturers K73-54 Datasheet HTML 77Page - List of Unclassifed Manufacturers K73-54 Datasheet HTML 78Page - List of Unclassifed Manufacturers K73-54 Datasheet HTML 79Page - List of Unclassifed Manufacturers K73-54 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 176 page
background image
ЭЛКОД
ЭЛКОД
76
Зависимость допускаемой амплитуды переменного синусоидального напряжения Uf от частоты f в
диапазоне до 10
5 Гц.
Permissible amplitude of AC sinusoidal voltage Uf as a function of frequency f in the range up to 10
5 Hz
1
2
3
0
40
80
120
160
200
240
280
101
103
104
105
105
f
5
Uf
В
Гц
1) Cном = 470 ... 1000 пФ
2) Cном = 1500 ... 6800 пФ
3) Cном = 0,01 ... 0,047 мкФ
1) Cr = 470 ... 1000 pF
2) Cr = 1500 ... 6800 pF
3) Cr = 0,01 ... 0,047 µF
Зависимость допускаемой амплитуды переменного синусоидального напряжения Uf от частоты f в
диапазоне от 5·10
5 до 108 Гц.
Permissible amplitude of AC sinusoidal voltage Uf as a function of frequency f in the range
between 5·10
5 and 108 Hz
1
2
3
Uf
5.105
106
5.106
107
5.107
108
f
0,1
1
10
В
Гц
1) Cном = 470 ... 1000 пФ
2) Cном = 1500 ... 6800 пФ
3) Cном = 0,01 ... 0,047 мкФ
1) Cr = 470 ... 1000 pF
2) Cr = 1500 ... 6800 pF
3) Cr = 0,01 ... 0,047 µF


Similar Part No. - K73-54

ManufacturerPart #DatasheetDescription
logo
KATHREIN Solutions GmbH
K733147 KATHREIN-K733147 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
More results

Similar Description - K73-54

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
Cornell Dubilier Electr...
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
EPCOS
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com