Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0682A Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # TB0682A
Description  SAW Filter 130.06MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

TB0682A Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  TB0682A Datasheet HTML 1Page - Golledge Electronics Ltd TB0682A Datasheet HTML 2Page - Golledge Electronics Ltd TB0682A Datasheet HTML 3Page - Golledge Electronics Ltd TB0682A Datasheet HTML 4Page - Golledge Electronics Ltd TB0682A Datasheet HTML 5Page - Golledge Electronics Ltd TB0682A Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 130.06MHz
Model: TB0682A
Part No: MP02832
REV. NO: 1
TB0682A v1
2
C. FREQUENCY CHARACTERISTICS:
1. S21 Response
Fig1. Horizontal: 0.5MHz/Div Vertical: 10dB/Div
2. Passband Response and Group Delay Response
Fig2. Horizontal: 0.05MHz/Div Vertical 1: 1dB/Div
Vertical 2: 500nS/Div


Similar Part No. - TB0682A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0682A TAI-SAW-TB0682A Datasheet
363Kb / 7P
   IF SAW Filter 130.06MHz(BW=160KHz) SMD 5.0X7.0mm
More results

Similar Description - TB0682A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0682A TAI-SAW-TB0682A Datasheet
363Kb / 7P
   IF SAW Filter 130.06MHz(BW=160KHz) SMD 5.0X7.0mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com