Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K73-39 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # K73-39
Description  FILM AND PAPER-FILM CAPACITORS
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K73-39 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button K73-39 Datasheet HTML 62Page - List of Unclassifed Manufacturers K73-39 Datasheet HTML 63Page - List of Unclassifed Manufacturers K73-39 Datasheet HTML 64Page - List of Unclassifed Manufacturers K73-39 Datasheet HTML 65Page - List of Unclassifed Manufacturers K73-39 Datasheet HTML 66Page - List of Unclassifed Manufacturers K73-39 Datasheet HTML 67Page - List of Unclassifed Manufacturers K73-39 Datasheet HTML 68Page - List of Unclassifed Manufacturers K73-39 Datasheet HTML 69Page - List of Unclassifed Manufacturers K73-39 Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 176 page
background image
ЭЛКОД
ЭЛКОД
66
Зависимость вносимого затухания А от частоты f для конденсаторов co “ВП”
(измерение по несимметричной схеме с номинальным входным сопротивлением 50 Ом)
Insertion loss А as a function of frequency f for capacitors with a fuse
(measured by the use of asymmetric circuit with rated input resistance 50 Ohm)
60
80
40
20
0
0,1
1,0
10
100
А
дБ
МГц
f
1 2
3
4
5
6
7
1) 4.7 мкФ 2) 2.2 мкФ 3) 1.0 мкФ 4) 0.47 мкФ 5) 0.22 мкФ 6) 0.1 мкФ 7) 0.047 мкФ
1) 4.7 µF 2) 2.2 µF 3) 1.0 µF 4) 0.47 µF 5) 0.22 µF 6) 0.1 µF 7) 0.047 µF
Зависимость допускаемой амплитуды переменного синусоидального напряжения от частоты f для
конденсаторов без плавкой вставки (для конденсаторов со вставкой плавкой амплитуда переменного
синусоидального напряжения составляет 77% от значений, определяемых по рисунку)
4,7
2,2
4,7
2,2
4,7
10
10
-1
0
50
100
1000
23
4 5 6 7 8 9
100
10
1
2
3
4
5
6
7
8
9
2
7
6
5
4
3
8
9
%
мкФ
Гц
Uном, В
Сном
f
Uf
Uном
для tэксп70°С
для 70°С<tэксп85°С
Ограничения: Uf<192B (Uэфф<127B) для Uном=250B; Uf<350 (Uэфф<250B) для Uном=500B;
Uf<535B (Uэфф<380B) для Uном=800B; Uf<700B (Uэфф<500B) для Uном=1000B;
Примеры: Дано: 1) Uном=250В, Сном=1 мкФ, tэксп=85
oC, f=500Гц;
Находим: 1)Uf=56%·Uном=140В;
2) Uном=1000В, Сном=0,47 мкФ, tэксп=85
oC, f=1000Гц; Находим: 2)Uf=18,8%·Uном=188В;
3) Uном=800В, Сном=0,22 мкФ, tэксп=70
oC, f=400Гц;
Находим: 3)Uf=535В(см. ограничения)


Similar Part No. - K73-39

ManufacturerPart #DatasheetDescription
logo
KATHREIN Solutions GmbH
K733147 KATHREIN-K733147 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
More results

Similar Description - K73-39

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
Cornell Dubilier Electr...
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
EPCOS
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com