Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K74-7 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # K74-7
Description  FILM AND PAPER-FILM CAPACITORS
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K74-7 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button K74-7 Datasheet HTML 12Page - List of Unclassifed Manufacturers K74-7 Datasheet HTML 13Page - List of Unclassifed Manufacturers K74-7 Datasheet HTML 14Page - List of Unclassifed Manufacturers K74-7 Datasheet HTML 15Page - List of Unclassifed Manufacturers K74-7 Datasheet HTML 16Page - List of Unclassifed Manufacturers K74-7 Datasheet HTML 17Page - List of Unclassifed Manufacturers K74-7 Datasheet HTML 18Page - List of Unclassifed Manufacturers K74-7 Datasheet HTML 19Page - List of Unclassifed Manufacturers K74-7 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 176 page
background image
ЭЛКОД
ЭЛКОД
16
K74-7
ФОЛЬГОВЫЕ
ПОЛИЭТИЛЕНТЕРЕФТАЛАТНЫЕ КОНДЕНСАТОРЫ
_____________________________________________________________________________________________________ POLYESTER FILM FOIL CAPACITORS
Технические условия: АДПК.673633.016 ТУ
Предназначены
для
работы
в
цепях
постоянного, переменного и пульсирующего
токов.
Конструкция: обернуты липкой лентой, залиты
по торцам эпоксидным компаундом.
Specifications: АДПК.673633.016 ТУ
Designed to operate in DC, AC and ripple
current circuits.
Design:
wrapped
with
adhesive
tape;
capacitor ends sealed with epoxy compound.
25
+5
25
+3
Номинальная емкость
150, 390 пФ
Rated capacitance
150, 390 pF
Номинальное напряжение
16 кВ
Rated voltage
16 kV
Допускаемое отклонение емкости
±20 %
Capacitance tolerance
±20 %
Допускаемая амплитуда
напряжения при f ≤ 1 кГц
≤ 500 В
Permissible voltage
amplitude at f ≤ 1 kHz
≤ 500 V
Тангенс угла потерь при f = 1кГц
≤0,008
Dissipation factor at f = 1 kHz
≤0,008
Сопротивление изоляции
≥1 000 000 MOм
Insulation resistance
≥1 000 000 MOhm
Интервал рабочих температур
-60...+70
oC
Operating temperature range
-60...+70
oC
Наработка
5000 ч
Operating time
5000 hours
Срок сохраняемости
12 лет
Shelf life
12 years
Климатическое исполнение
УХЛ (93±3% относит.
влажности при 40±2
oC,
21 сутки)
Climatic categories
RH 93±3%, 40±2
oC,
21 days
Обозначение при заказе:
Конденсатор К74-7 - 16 кВ - 150 пФ ± 20%
Ordering example:
Capacitor K74-7 - 16 kV - 150 pF ± 20%
Сном, пФ
Cr, pF
Dmax,
mm
Масса, г Mass, g
max
150
10
3.5
390
13
5.5


Similar Description - K74-7

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
Cornell Dubilier Electr...
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
EPCOS
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com