Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K74-7 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # K74-7
Description  FILM AND PAPER-FILM CAPACITORS
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K74-7 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button K74-7 Datasheet HTML 43Page - List of Unclassifed Manufacturers K74-7 Datasheet HTML 44Page - List of Unclassifed Manufacturers K74-7 Datasheet HTML 45Page - List of Unclassifed Manufacturers K74-7 Datasheet HTML 46Page - List of Unclassifed Manufacturers K74-7 Datasheet HTML 47Page - List of Unclassifed Manufacturers K74-7 Datasheet HTML 48Page - List of Unclassifed Manufacturers K74-7 Datasheet HTML 49Page - List of Unclassifed Manufacturers K74-7 Datasheet HTML 50Page - List of Unclassifed Manufacturers K74-7 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 176 page
background image
ЭЛКОД
ЭЛКОД
47
K73-43 в,г,д
МЕТАЛЛОПЛЕНОЧНЫЕ ПОЛИЭТИЛЕНТЕРЕФТАЛАТНЫЕ
ПОМЕХОПОДАВЛЯЮЩИЕ КОНДЕНСАТОРЫ
_______________________________________________________ METALLIZED POLYESTER FILM CAPACITORS FOR EMI SUPPRESSION
Технические условия: АДПК.673633.018 ТУ
Предназначены для подавления радиопомех
в диапазоне частот 0,15 … 100 МГц.
Могут применяться взамен К75-37, К75-41,
К75-61.
Конденсатор состоит из двух несимметричных
емкостей класса Y (C2) и одной симметричной
емкости класса X (C1).
Конструкция: варианты “в” и “г” – окукленные;
вариант “д” - обернуты липкой лентой, залиты
по торцам эпоксидным компаундом.
Вариант "в" - трехвыводные.
Вариант "г", "д" - пятивыводные.
Specifications: АДПК.673633.018 ТУ
Designed for man-made EMI suppression
in the frequency range 0,15 … 100 MHz.
Can be used instead of К75-37, К75-41,
К75-61.
The capacitor is made up of two asymmetrical
sections of class Y (C2) and one symmetrical
section of class X (C1).
Design: “в”,“г” – dipped; “д” - wrapped with
adhesive tape; capacitor ends sealed with
epoxy compound.
Design "в" - with tree terminations.
Design "г" , "д" - with five terminations.
Вариант "в"
Design "в"
Вариант "г"
Design "г"
Вариант "д"
Design "д"
1
2
3
3
1
2
3
1
2
H
H
H
B
B
B
2
1
3
2
1
3
2
3
C2
C2
C1
C2
C2
C1
Выводы 2 и 3: диаметр 0,8 мм; длина 20
+5 мм
Вывод 1: диаметр 0,6 мм; длина 16
+4 мм
Leads 2 and 3: diameter 0,8 mm; length 20
+5 mm
Lead 1: diameter 0,6 mm; length 16
+4 mm


Similar Description - K74-7

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
Cornell Dubilier Electr...
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
EPCOS
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com