Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MS0030 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part No. MS0030
Description  Semiconductor Magnetoresistive Element
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

MS0030 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  MS0030 Datasheet HTML 1Page - Asahi Kasei Microsystems MS0030 Datasheet HTML 2Page - Asahi Kasei Microsystems MS0030 Datasheet HTML 3Page - Asahi Kasei Microsystems MS0030 Datasheet HTML 4Page - Asahi Kasei Microsystems MS0030 Datasheet HTML 5Page - Asahi Kasei Microsystems MS0030 Datasheet HTML 6Page - Asahi Kasei Microsystems MS0030 Datasheet HTML 7Page - Asahi Kasei Microsystems MS0030 Datasheet HTML 8Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
[MS0030]
017007225-E-00
- 3 -
2017/06
*3
VA(0):The voltage at 4pin
VB(0):The voltage at 2pin
<Measurement conditions>
1. Vc=5V between 1pin and 3pin
2. B=0T
*4
VA(B):The voltage at 4pin
VB(B):The voltage at 2pin
<Measurement conditions>
1. Vc=5V between 1pin and 3pin
2. B=0.45T
Power Dissipation
Measurement circuit of VA(0), VB(0), VA(B), VB(B)
0
100
200
300
400
500
600
-50
0
50
100
150
Ta [°C]


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn