Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K73-13 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # K73-13
Description  FILM AND PAPER-FILM CAPACITORS
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K73-13 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button K73-13 Datasheet HTML 31Page - List of Unclassifed Manufacturers K73-13 Datasheet HTML 32Page - List of Unclassifed Manufacturers K73-13 Datasheet HTML 33Page - List of Unclassifed Manufacturers K73-13 Datasheet HTML 34Page - List of Unclassifed Manufacturers K73-13 Datasheet HTML 35Page - List of Unclassifed Manufacturers K73-13 Datasheet HTML 36Page - List of Unclassifed Manufacturers K73-13 Datasheet HTML 37Page - List of Unclassifed Manufacturers K73-13 Datasheet HTML 38Page - List of Unclassifed Manufacturers K73-13 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 176 page
background image
ЭЛКОД
ЭЛКОД
35
Зависимость допускаемого размаха импульсного напряжения ∆Uи от частоты следования импульсов
Fи, длительности наименьшего из временных участков τи, соответствующих фронту τф или спаду τс
импульса, и номинальной емкости Сном
Permissible peak-to-peak pulse voltage ∆Uи as a function of pulse repetition frequency Fи, minimal temporal
sector
τи,corresponding pulse leading edge slope τф or pulse trailing edge slope τс and rated capacitance Сr
Uном, В
2
10
10
10
10
Uи
Ut
4
6
8
2
4
6
8
2
4
6
8
%
-1
0
2
1
10-3
10-1
1,5
10
10
10
10
1
2
0
5
Fи
10
3
10 4
10-2
2,2 3,3 4,7 6,8
1,5 2,2 3,3 4,7 6,8
1,5 2,2 3,3 4,7 6,8
1,5 2,2 3,3 4,7 6,8
25
25
2
5
2
5
25
10 6
Cном
τu =10 C
-4
τu =10
C
τu =10 C
-5
-6
Τu
τ
мкФ
Гц
Пример определения ∆Uи :
Дано:
Fи=2·10
4 Гц,
τ
и=10
-6 c,
Ut=Uном=630 В, Сном=0,22 мкФ
Находим:
∆Uи=6% от Uном=37,8 В
Дано:
Fи=2·10
4 Гц,
τ
и =10
-6 c,
Ut=Uном=63 В, Сном=0,01 мкФ
Находим:
∆Uи=40% от Uном=25,2 В
Example of calculation of ∆Uи :
Given:
Fи=2·10
4 Hz ,
τ
и =10
-6 s,
Ut=Ur=630 V, Сr=0,22 µF
Finding:
∆Uи=6% оf Ur=37,8 V
Given:
Fи=2·10
4 Hz ,
τ
и =10
-6 s,
Ut=Ur=63 V, Сr=0,01 µF
Finding:
∆Uи=40% оf Ur=25,2 V


Similar Part No. - K73-13

ManufacturerPart #DatasheetDescription
logo
KATHREIN Solutions GmbH
K733147 KATHREIN-K733147 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
More results

Similar Description - K73-13

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
Cornell Dubilier Electr...
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
EPCOS
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com