Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K73-11 Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # K73-11
Description  FILM AND PAPER-FILM CAPACITORS
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K73-11 Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button K73-11 Datasheet HTML 88Page - List of Unclassifed Manufacturers K73-11 Datasheet HTML 89Page - List of Unclassifed Manufacturers K73-11 Datasheet HTML 90Page - List of Unclassifed Manufacturers K73-11 Datasheet HTML 91Page - List of Unclassifed Manufacturers K73-11 Datasheet HTML 92Page - List of Unclassifed Manufacturers K73-11 Datasheet HTML 93Page - List of Unclassifed Manufacturers K73-11 Datasheet HTML 94Page - List of Unclassifed Manufacturers K73-11 Datasheet HTML 95Page - List of Unclassifed Manufacturers K73-11 Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 176 page
background image
ЭЛКОД
ЭЛКОД
92
Сном, мкФ
Cr, µF
Dmax,
mm
Lmax,
mm
d,
mm
Масса, г
Mass, g
max
Сном, мкФ
Cr, µF
Dmax,
mm
Lmax,
mm
d,
mm
Масса, г
Mass, g
max
0.010
14
30
0.8
10
0.015
1.0
18
20
12
0.022
2
16
30
0.033
6.3
16
0.6
1.5
18
25
15
0.047
8
3
1.8
20
25
20
0.068
9
4
16
45
35
0.10
10
18
5
2.2
18
35
30
0.15
9
6
3.3
20
50
0.22
10
7
4.7
23
0.33
12
20
8
5.6
25
45
60
10
30
9
6.8
21
65
0.47
14
20
8
10
24
70
12
30
9
15
29
75
0.68
16
20
0.8
10
22
35
60
1.0
80
Зависимость допускаемого напряжения Ut от температуры окружающей среды
Permissible voltage Ut as a function of ambient temperature
Ut
0
-20
-40
-60
204060
85
100
100
80
60
40
20
C
o
80
t
Uном
%
50
Зависимость допускаемой амплитуды переменного синусоидального напряжения или амплитуды
переменной синусоидальной составляющей пульсирующего напряжения Uf от частоты f
Permissible amplitude of AC sinusoidal voltage or amplitude of AC sinusoidal component of ripple voltage
Uf as a function of frequency f
0,01 0,022 0,047 0,1 0,22 0,47 1,0
2,2
4,7
10
22
0,4
1
10
10
2
10
3
f
Cном
0,03
0,1
0,2
0,4
0,6
0,8
1,0
2
4
6
8
10
20
40
60
80
100
Uf
2
5
25
25
кГц
мкФ
%
Ut
Пример определения Uf :
Дано:
f = 20 кГц, Cном = 1 мкФ
Uном = 200 В ( t ≤ 85
oC )
Находим:
Uf = 17,5% от Uном = 35 B
Example of calculation of Uf:
Given
:
f = 20 kHz , Cr = 1 µF
Ur = 200 V ( t ≤ 85
oC )
Finding:
Uf = 17,5% оf Ur = 35 V


Similar Part No. - K73-11

ManufacturerPart #DatasheetDescription
logo
KATHREIN Solutions GmbH
K733147 KATHREIN-K733147 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
More results

Similar Description - K73-11

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
Cornell Dubilier Electr...
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
EPCOS
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com