Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6F2016V4E-EF70 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K6F2016V4E-EF70
Description  128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F2016V4E-EF70 Datasheet(HTML) 9 Page - Samsung semiconductor

  K6F2016V4E-EF70 Datasheet HTML 1Page - Samsung semiconductor K6F2016V4E-EF70 Datasheet HTML 2Page - Samsung semiconductor K6F2016V4E-EF70 Datasheet HTML 3Page - Samsung semiconductor K6F2016V4E-EF70 Datasheet HTML 4Page - Samsung semiconductor K6F2016V4E-EF70 Datasheet HTML 5Page - Samsung semiconductor K6F2016V4E-EF70 Datasheet HTML 6Page - Samsung semiconductor K6F2016V4E-EF70 Datasheet HTML 7Page - Samsung semiconductor K6F2016V4E-EF70 Datasheet HTML 8Page - Samsung semiconductor K6F2016V4E-EF70 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CMOS SRAM
K6F2016V4E Family
- 9 -
Revision 1.0
March 2002
PACKAGE DIMENSION
6
5
4
3
2
1
A
B
C
D
E
F
G
H
B/2
B
B
Bottom View
Top View
D
C
Side View
A
Y
Detail A
Min
Typ
Max
A
-
0.75
-
B
5.90
6.00
6.10
B1
-
3.75
-
C
6.90
7.00
7.10
C1
-
5.25
-
D
0.40
0.45
0.50
E
0.80
0.90
1.00
E1
-
0.55
-
E2
0.30
0.35
0.40
Y
-
-
0.08
B1
#A1
Notes.
1. Bump counts: 48(8 row x 6 column)
2. Bump pitch: (x,y)=(0.75 x 0.75)(typ.)
3. All tolerence are
±0.050 unless
otherwise specified.
4. Typ: Typical
5. Y is coplanarity: 0.08(Max)
Unit: millimeters
48 TAPE BALL GRID ARRAY(0.75mm ball pitch)


Similar Part No. - K6F2016V4E-EF70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F2016R4G SAMSUNG-K6F2016R4G Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016R4G-F SAMSUNG-K6F2016R4G-F Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016R4G-FF70 SAMSUNG-K6F2016R4G-FF70 Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016R4G-FF85 SAMSUNG-K6F2016R4G-FF85 Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016R4G-XF70 SAMSUNG-K6F2016R4G-XF70 Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
More results

Similar Description - K6F2016V4E-EF70

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU16 EMLSI-EM620FU16 Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4E SAMSUNG-K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16BU EMLSI-EM621FU16BU Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU16B EMLSI-EM620FU16B Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV16B ETC2-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FV16BU EMLSI-EM621FV16BU Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com