Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K6F2016V4E Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. K6F2016V4E
Description  128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F2016V4E Datasheet(HTML) 2 Page - Samsung semiconductor

  K6F2016V4E Datasheet HTML 1Page - Samsung semiconductor K6F2016V4E Datasheet HTML 2Page - Samsung semiconductor K6F2016V4E Datasheet HTML 3Page - Samsung semiconductor K6F2016V4E Datasheet HTML 4Page - Samsung semiconductor K6F2016V4E Datasheet HTML 5Page - Samsung semiconductor K6F2016V4E Datasheet HTML 6Page - Samsung semiconductor K6F2016V4E Datasheet HTML 7Page - Samsung semiconductor K6F2016V4E Datasheet HTML 8Page - Samsung semiconductor K6F2016V4E Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CMOS SRAM
K6F2016V4E Family
- 2 -
Revision 1.0
March 2002
PRODUCT FAMILY
1. The parameter is measured with 30pF test load.
2. Typical values are measured at VCC=3.3V, TA=25
°C and not 100% tested.
Product Family
Operating Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Typ.)
Operating
(ICC1, Max)
K6F2016V4E-F
Industrial(-40~85
°C)
3.0~3.6V
551)/70ns
0.5
µA2)
4mA
48-TBGA-6.00x7.00
128K x 16 bit Super Low Power and Low Voltage Full CMOS Static RAM
GENERAL DESCRIPTION
The K6F2016V4E families are fabricated by SAMSUNG
′s
advanced full CMOS process technology. The families support
industrial temperature range and 48 ball Chip Scale Package
for user flexibility of system design. The families also support
low data retention voltage for battery back-up operation with
low data retention current.
FEATURES
Process Technology: Full CMOS
Organization: 128K x16 bit
Power Supply Voltage: 3.0~3.6V
Low Data Retention Voltage: 1.5V(Min)
Three State Outputs
Package Type: 48-TBGA-6.00x7.00
FUNCTIONAL BLOCK DIAGRAM
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice
.
Precharge circuit.
Memory array
1024 rows
128
× 16 columns
I/O Circuit
Column select
Clk gen.
Row
select
WE
OE
UB
CS
I/O1~I/O8
Data
cont
Data
cont
Data
cont
LB
I/O9~I/O16
Vcc
Vss
Row
Addresses
Control Logic
Column Addresses
PIN DESCRIPTION
Name
Function
Name
Function
CS1, CS2
Chip Select Inputs
Vcc
Power
OE
Output Enable Input
Vss
Ground
WE
Write Enable Input
UB
Upper Byte(I/O9~16)
A0~A16
Address Inputs
LB
Lower Byte(I/O1~8)
I/O1~I/O16 Data Inputs/Outputs
DNU
Do Not Use
48-TBGA: Top View (Ball Down)
LB
OE
A0
A1
A2
DNU
I/O9
UB
A3
A4
CS1
I/O1
I/O10
I/O11
A5
A6
I/O2
I/O3
Vss
I/O12
DNU
A7
I/O4
Vcc
Vcc
I/O13
A16
I/O5
Vss
I/O15
I/O14
A14
A15
I/O6
I/O7
I/O16
DNU
A12
A13
WE
I/O8
DNU
A8
A9
A10
A11
DNU
1
2
3
4
5
6
A
B
C
D
E
F
G
H
DNU


Similar Part No. - K6F2016V4E

ManufacturerPart No.DatasheetDescription
Samsung semiconductor
Samsung semiconductor
K6F2016R4G SAMSUNG-K6F2016R4G Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016R4G-F SAMSUNG-K6F2016R4G-F Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016R4G-FF70 SAMSUNG-K6F2016R4G-FF70 Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016R4G-FF85 SAMSUNG-K6F2016R4G-FF85 Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016R4G-XF70 SAMSUNG-K6F2016R4G-XF70 Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
More results

Similar Description - K6F2016V4E

ManufacturerPart No.DatasheetDescription
Emerging Memory & Logic Solutions Inc
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU16 EMLSI-EM620FU16 Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Samsung semiconductor
Samsung semiconductor
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4E SAMSUNG-K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Emerging Memory & Logic Solutions Inc
Emerging Memory & Logic...
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16BU EMLSI-EM621FU16BU Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU16B EMLSI-EM620FU16B Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
EM620FV16B ETC2-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Emerging Memory & Logic Solutions Inc
Emerging Memory & Logic...
EM621FV16BU EMLSI-EM621FV16BU Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz