Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0797581014 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0797581014
Description  Pre-Crimped Lead CLIK-Mate 2.00mm Female-to-CLIK-Mate 2.00mm Female, 150mm,24 AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0797581014 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0797581014 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 11/14/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0797581014
Status:
Active
Overview:
Pre-Crimped Leads
Description:
Pre-Crimped Lead CLIK-Mate 2.00mm Female-to-CLIK-Mate 2.00mm Female, 150mm,
24 AWG
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
79758
Assembly Configuration
Pre-crimped Lead Only
Connector to Connector
CLIK-Mate 2.00mm Crimp Term
Overview
Pre-Crimped Leads
Product Name
CLIK-Mate
UPC
889056818681
Physical
Cable Length
0.15m
Circuits (Loaded)
1
Color - Resin
Black
Gender
Female-Female
Material - Metal
Copper Alloy
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Net Weight
0.550/g
Packaging Type
Bag
Single Ended
No
Termination Interface: Style
Crimp or Compression
Wire Size AWG
24
Wire/Cable Type
UL 1061
Material Info
Reference - Drawing Numbers
Sales Drawing
2012341212-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/61/2018 (27 June
2018)
Halogen-Free
Status
Not Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
79758 Series
Use With
Crimp Housing 502439
This document was generated on 11/14/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0797581014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797581010 MOLEX1-0797581010 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-EZmate Female-to-Pico-EZmate Female, 300mm, 28 AWG
0797581011 MOLEX1-0797581011 Datasheet
41Kb / 1P
   Pre-Crimped Lead CLIK-Mate 1.50mm Female-to-CLIK-Mate 1.50mm Female, 300mm,24 AWG
0797581012 MOLEX1-0797581012 Datasheet
37Kb / 1P
   Pre-Crimped Lead CLIK-Mate 1.25mm Female-to-CLIK-Mate 1.25mm Female, 150mm,28 AWG
0797581013 MOLEX1-0797581013 Datasheet
37Kb / 1P
   Pre-Crimped Lead CLIK-Mate 1.25mm Female-to-CLIK-Mate 1.25mm Female, 300mm,28 AWG
0797581015 MOLEX1-0797581015 Datasheet
41Kb / 1P
   Pre-Crimped Lead CLIK-Mate 2.00mm Female-to-CLIK-Mate 2.00mm Female, 300mm,
More results

Similar Description - 0797581014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797581015 MOLEX1-0797581015 Datasheet
41Kb / 1P
   Pre-Crimped Lead CLIK-Mate 2.00mm Female-to-CLIK-Mate 2.00mm Female, 300mm,
0797581012 MOLEX1-0797581012 Datasheet
37Kb / 1P
   Pre-Crimped Lead CLIK-Mate 1.25mm Female-to-CLIK-Mate 1.25mm Female, 150mm,28 AWG
0797581011 MOLEX1-0797581011 Datasheet
41Kb / 1P
   Pre-Crimped Lead CLIK-Mate 1.50mm Female-to-CLIK-Mate 1.50mm Female, 300mm,24 AWG
0797581013 MOLEX1-0797581013 Datasheet
37Kb / 1P
   Pre-Crimped Lead CLIK-Mate 1.25mm Female-to-CLIK-Mate 1.25mm Female, 300mm,28 AWG
2157101123 MOLEX-2157101123 Datasheet
41Kb / 1P
   Pre-Crimped Lead Clik-Mate Male-to-Clik-Mate Male, Tin (Sn) Plating, 225.00mm Length, 24 AWG, Black
2157102124 MOLEX-2157102124 Datasheet
40Kb / 1P
   Pre-Crimped Lead Clik-Mate Male-to-Clik-Mate Male, Tin (Sn) Plating, 300.00mm Length, 24 AWG, Red
2157101125 MOLEX-2157101125 Datasheet
41Kb / 1P
   Pre-Crimped Lead Clik-Mate Male-to-Clik-Mate Male, Tin (Sn) Plating, 450.00mm Length, 24 AWG, Black
2157101124 MOLEX-2157101124 Datasheet
41Kb / 1P
   Pre-Crimped Lead Clik-Mate Male-to-Clik-Mate Male, Tin (Sn) Plating, 300.00mm Length, 24 AWG, Black
2157101121 MOLEX-2157101121 Datasheet
41Kb / 1P
   Pre-Crimped Lead Clik-Mate Male-to-Clik-Mate Male, Tin (Sn) Plating, 75.00mm Length, 24 AWG, Black
2157102122 MOLEX-2157102122 Datasheet
40Kb / 1P
   Pre-Crimped Lead Clik-Mate Male-to-Clik-Mate Male, Tin (Sn) Plating, 150.00mm Length, 24 AWG, Red
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com