Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MD51V65165 Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MD51V65165
Description  4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MD51V65165 Datasheet(HTML) 1 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
¡ Semiconductor
MD51V65165
1/16
DESCRIPTION
The MD51V65165 is a 4,194,304-word
¥ 16-bit dynamic RAM fabricated in Oki's silicon-gate CMOS
technology. The MD51V65165 achieves high integration, high-speed operation, and low-power
consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer
metal CMOS process. The MD51V65165 is available in a 50-pin plastic SOJ or 50-pin plastic TSOP.
FEATURES
• 4,194,304-word
¥ 16-bit configuration
• Single 3.3 V power supply,
±0.3 V tolerance
• Input
: LVTTL compatible, low input capacitance
• Output
: LVTTL compatible, 3-state
• Refresh
:
RAS-only refresh
: 4096 cycles/64 ms
CAS before RAS refresh, hidden refresh
: 4096 cycles/64 ms
• Fast page mode with EDO, read modify write capability
CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• Package options:
50-pin 400 mil plastic SOJ
(SOJ50-P-400-0.80)
(Product : MD51V65165-xxJA)
50-pin 400 mil plastic TSOP
(TSOPII50-P-400-0.80-1K) (Product : MD51V65165-xxTA)
xx indicates speed rank.
PRODUCT FAMILY
¡ Semiconductor
MD51V65165
4,194,304-Word
¥ 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
84 ns
504 mW
Family
Access Time (Max.)
Cycle Time
(Min.)
Standby (Max.)
Power Dissipation
MD51V65165-50
tRAC
50 ns
tAA
25 ns
tCAC
13 ns
tOEA
13 ns
MD51V65165-60
60 ns
104 ns
432 mW
30 ns
15 ns
15 ns
Operating (Max.)
1.8 mW
E2G0146-18-11
This version: Mar. 1998


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn