Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MD51V65165 Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MD51V65165
Description  4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MD51V65165 Datasheet(HTML) 2 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
¡ Semiconductor
MD51V65165
2/16
PIN CONFIGURATION (TOP VIEW)
A11R
A10R
A9
A8
A7
A6
A0
A1
A2
A3
A4
A5
1
2
3
4
5
6
7
8
9
10
11
12
13
21
30
38
39
40
41
42
43
44
45
46
47
48
49
50
VCC
DQ1
DQ2
DQ3
DQ4
VCC
DQ5
DQ6
DQ7
DQ8
NC
VCC
WE
A2
A9
LCAS
VSS
NC
DQ9
DQ10
DQ11
DQ12
VSS
DQ13
DQ14
DQ15
DQ16
VSS
14
37
RAS
UCAS
15
36
NC
OE
16
35
NC
NC
17
34
NC
NC
18
33
NC
NC
19
32
A0
A11R
20
31
A1
A10R
1
2
3
4
5
6
7
8
9
10
11
25
26
40
41
42
43
44
45
46
47
48
49
50
VCC
DQ1
DQ2
DQ3
DQ4
VCC
DQ5
DQ6
DQ7
DQ8
NC
VCC
VSS
NC
DQ9
DQ10
DQ11
DQ12
VSS
DQ13
DQ14
DQ15
DQ16
VSS
15
36
NC
OE
16
35
NC
NC
17
34
NC
NC
18
33
NC
NC
19
32
20
31
21
30
22
29
23
28
24
27
50-Pin Plastic TSOP
(K Type)
22
29
A3
A8
23
28
A4
A7
24
27
A5
A6
25
26
VCC
VSS
12
13
38
39
VCC
WE
LCAS
VSS
14
37
RAS
UCAS
50-Pin Plastic SOJ
Note :
The same power supply voltage must be provided to every VCC pin, and the same GND
voltage level must be provided to every VSS pin.
Pin Name
Function
A0 - A9,
Address Input
RAS
Row Address Strobe
LCAS
Lower Byte Column Address Strobe
DQ1 - DQ16
Data Input/Data Output
OE
Output Enable
WE
Write Enable
VCC
Power Supply (3.3 V)
NC
No Connection
A10R, A11R
UCAS
Upper Byte Column Address Strobe
VSS
Ground (0 V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn