![]() |
Electronic Components Datasheet Search |
|
V700-A40-W Datasheet(PDF) 5 Page - Omron Electronics LLC |
|
V700-A40-W Datasheet(HTML) 5 Page - Omron Electronics LLC |
5 / 59 page ![]() 5 V680 Series Antenna (Detachable Amplifier Unit Type) Antenna with Built-in Amplifier * Use an Antenna Cable to connect the Antenna to the Controller. The maximum cable length is 30.5 m. Amplifier Unit ID Controller Type Appearance Size Cable length Model Cylindrical Standard cable, waterproof connector M22 × 65 mm 2 m V680-HS52-W 2M 12.5 m V680-HS52-W 12.5M Flexible cable, nonwaterproof connector 2 m V680-HS52-R 2M 12.5 m V680-HS52-R 12.5M Standard cable, nonwaterproof connector M12 × 35 mm 2 m V680-HS51 2M Square Standard cable, waterproof connector 40 × 53 × 23 mm 2 m V680-HS63-W 2M 12.5 m V680-HS63-W 12.5M Flexible cable, nonwaterproof connector 2 m V680-HS63-R 2M 12.5 m V680-HS63-R 12.5M Standard cable, waterproof connector 100 × 100 × 30 mm 2 m V680-HS65-W 2M 12.5 m V680-HS65-W 12.5M Flexible cable, nonwaterproof connector 2 m V680-HS65-R 2M 12.5 m V680-HS65-R 12.5M Type Appearance Size Cable length Model Square 250 × 200 × 35 mm 0.5 m * V680-H01-V2 Type Appearance Size Cable length Model For 1-kbyte memory 25 × 40 × 65 mm 0.5 m V680-HA63A 0.5M 5 m V680-HA63A 5M 10 m V680-HA63A 10M For 2-/8-kbyte memory 0.5 m V680-HA63B 0.5M 5 m V680-HA63B 5M 10 m V680-HA63B 10M Type No. of connectable Amplifiers Appearance Size Communication interface Model DC power supply Single 105 × 90 × 65 mm RS232C, RS422/RS485 V680-CA5D01-V2 Dual V680-CA5D02-V2 |
Similar Part No. - V700-A40-W |
|
Similar Description - V700-A40-W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |
allmanual.com |