Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V700-A40-W Datasheet(PDF) 29 Page - Omron Electronics LLC

Part No. V700-A40-W
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V700-A40-W Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button V700-A40-W Datasheet HTML 25Page - Omron Electronics LLC V700-A40-W Datasheet HTML 26Page - Omron Electronics LLC V700-A40-W Datasheet HTML 27Page - Omron Electronics LLC V700-A40-W Datasheet HTML 28Page - Omron Electronics LLC V700-A40-W Datasheet HTML 29Page - Omron Electronics LLC V700-A40-W Datasheet HTML 30Page - Omron Electronics LLC V700-A40-W Datasheet HTML 31Page - Omron Electronics LLC V700-A40-W Datasheet HTML 32Page - Omron Electronics LLC V700-A40-W Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
29
V680 Series
Note: When mounting the V680-HS65, be sure to attach the Mounting Brackets at the base of the Antenna.
The enclosed Mounting Brackets do not need to be used, however, if the mounting brackets on the Antenna are metal plates and their
dimensions are larger than the dimensions of the Antenna (100 × 100 mm).
For details, refer to the User's Manual (Cat. No. Z248 or Z262).
Bolt RF Tag (1-kbyte or 2-kbyte Memory) Communication
* Mounting can be performed in metal, but the communications distance will decrease compared to mounting in nonmetal.
Confirm performance using the actual devices before actual operation.
V680S-D8KF68M
V680-HS63
Read
distance
5.0 to 35.0
(axis offset ±10)
Write
distance
5.0 to 35.0
(axis offset ±10)
V680-HS65
Read
distance
5.0 to 55.0
(axis offset ±10)
Write
distance
5.0 to 55.0
(axis offset ±10)
Recommended combination
Function
Communication
range
(unit: mm)
RF Tag and Antenna mounting conditions
RF Tag
Antenna
V680-D1KP52M-BT01/
-BT11
V680-HS51
Read
distance
0.5 to 2.5
(axis offset ±2)
Write
distance
0.5 to 2.0
(axis offset ±2)
V680-HS52
Read
distance
0.5 to 3.0
(axis offset ±2)
Write
distance
0.5 to 2.5
(axis offset ±2)
V680-D2KF52M-BT01/
-BT11
V680-HS51
Read
distance
0.5 to 2.5
(axis offset ±2)
Write
distance
0.5 to 2.5
(axis offset ±2)
V680-HS52
Read
distance
0.5 to 2.0
(axis offset ±2)
Write
distance
0.5 to 2.0
(axis offset ±2)
Recommended combination
Function
Communication
range
(unit: mm)
RF Tag and Antenna mounting conditions
RF Tag
Reader Writer
V680-HS63
V680S-D8KF68M
Non-metallic
Resin,
plastic,
wood, etc.
Metallic
V680S-
D8KF68M
V680-HS65
Metallic
Metallic
V680-D1KP52M-BT01/-BT11
Metallic
V680-HS51
Metallic/Non-metallic
V680-D1KP52M-BT01/-BT11
V680-HS52
Non-Metallic
Metallic/Non-metallic
*
V680-D2KF52M-BT01/-BT11
V680-HS51
Metallic
Metallic/Non-metallic
V680-D2KF52M-BT01/-BT11
V680-HS52
Non-Metallic
Metallic/Non-metallic
*


Similar Part No. - V700-A40-W

ManufacturerPart No.DatasheetDescription
Omron Electronics LLC
Omron Electronics LLC
V700-A40 OMRON-V700-A40 Datasheet
547Kb / 10P
   A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
V700-A40 OMRON-V700-A40 Datasheet
547Kb / 14P
   A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
More results

Similar Description - V700-A40-W

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
WJ Communication. Inc.
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
   Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
Fujitsu Component Limited.
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
STMicroelectronics
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
   64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
AMIC Technology
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
Maxim Integrated Products
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz