Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V700-A40-W Datasheet(PDF) 22 Page - Omron Electronics LLC

Part No. V700-A40-W
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V700-A40-W Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button V700-A40-W Datasheet HTML 18Page - Omron Electronics LLC V700-A40-W Datasheet HTML 19Page - Omron Electronics LLC V700-A40-W Datasheet HTML 20Page - Omron Electronics LLC V700-A40-W Datasheet HTML 21Page - Omron Electronics LLC V700-A40-W Datasheet HTML 22Page - Omron Electronics LLC V700-A40-W Datasheet HTML 23Page - Omron Electronics LLC V700-A40-W Datasheet HTML 24Page - Omron Electronics LLC V700-A40-W Datasheet HTML 25Page - Omron Electronics LLC V700-A40-W Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
V680 Series
22
Note: When mounting the V680-HS65, be sure to attach the Mounting Brackets at the base of the Antenna.
The enclosed Mounting Brackets do not need to be used, however, if the mounting brackets on the Antenna are metal plates and their
dimensions are larger than the dimensions of the Antenna (100 × 100 mm).
For details, refer to the User’s Manual (Cat. No. Z248 or Z262).
V680S-D8KF68
V680-HS63
Read
distance
0 to 45.0
(axis offset ±10)
Write
distance
0 to 45.0
(axis offset ±10)
V680-HS65
Read
distance
0 to 75.0
(axis offset ±10)
Write
distance
0 to 75.0
(axis offset ±10)
V680-H01-V2
Read
distance
0 to 150.0
(axis offset ±10)
Write
distance
0 to 150.0
(axis offset ±10)
V680S-D8KF68M
V680-HS63
Read
distance
0 to 35.0
(axis offset ±10)
Write
distance
0 to 35.0
(axis offset ±10)
V680-HS65
Read
distance
0 to 55.0
(axis offset ±10)
Write
distance
0 to 55.0
(axis offset ±10)
Recommended combination
Function
Communication
range
(unit: mm)
RF Tag and Antenna mounting conditions
RF Tag
Reader Writer
V680S-D8KF68
V680-HS63
Non-metallic
Resin,
plastic,
wood, etc.
Non-metallic
Resin,
plastic,
wood, etc.
V680S-
D8KF68
V680-HS65
Non-metallic
Resin,
plastic,
wood, etc.
Metallic
V680S-
D8KF68
V680-H01-V2
Non-metallic
Resin,
plastic,
wood, etc.
Non-metallic
V680-HS63
V680S-
D8KF68M
Non-metallic
Resin,
plastic,
wood, etc.
Metallic
V680-HS65
V680S-
D8KF68M
Metallic
Metallic


Similar Part No. - V700-A40-W

ManufacturerPart No.DatasheetDescription
Omron Electronics LLC
Omron Electronics LLC
V700-A40 OMRON-V700-A40 Datasheet
547Kb / 10P
   A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
V700-A40 OMRON-V700-A40 Datasheet
547Kb / 14P
   A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
More results

Similar Description - V700-A40-W

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
WJ Communication. Inc.
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
   Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
Fujitsu Component Limited.
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
STMicroelectronics
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
   64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
AMIC Technology
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
Maxim Integrated Products
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz