Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM7S00 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ELM7S00
Description  CMOS LOGIC IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ELM7S00 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ELM7S00 Datasheet HTML 5Page - List of Unclassifed Manufacturers ELM7S00 Datasheet HTML 6Page - List of Unclassifed Manufacturers ELM7S00 Datasheet HTML 7Page - List of Unclassifed Manufacturers ELM7S00 Datasheet HTML 8Page - List of Unclassifed Manufacturers ELM7S00 Datasheet HTML 9Page - List of Unclassifed Manufacturers ELM7S00 Datasheet HTML 10Page - List of Unclassifed Manufacturers ELM7S00 Datasheet HTML 11Page - List of Unclassifed Manufacturers ELM7S00 Datasheet HTML 12Page - List of Unclassifed Manufacturers ELM7S00 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
21
DESCRIPTION
ELM7S02,ELM7S02B are CMOS 2-input NOR gate ICs. They realize a high speed operation similar to LS-
TTL with a lower power consumption by CMOS features. An inner circuit structure of 3-stages logic gates
obtains wider noise immunity and constant output.
FEATURES
Package
: SOT-25 package
Same electrical characteristics as 74HC Series
Power voltage range
: 2.0 ∼ 6.0V
Operation temp. range
: -40 ∼ +85℃
| IOH | = IOL = 2mA (min)
MAXIMUM ABSOLUTE RATINGS
Parameter
Symbol
Value
Units
Power Voltage
VCC
-0.5∼+7.0
V
Input Voltage
VIN
-0.5∼VCC+0.5
V
Output Voltage
VOUT
-0.5∼VCC+0.5
V
Input Protection Diode Current
IIK
±20
mA
Output Parasitic Diode Current
IOK
±20
mA
Output Current
IOUT
±25
mA
VCC/GND Current
ICC, IGND
±25
mA
Power Dissipation
Pd
200
mW
Storage Temp.
Tstg
-65∼+150
ELM7S02,ELM7S02B
ELM7S02,ELM7S02B
ELM7S02,ELM7S02B
ELM7S02,ELM7S02B
ELM7S02,ELM7S02B 2-input NOR Gate
MARKING
PIN CONFIGURATION
SOT-25
①② ③
Pin No.
Pin Name
1INB
2INA
3GND
4OUTX
5VCC
Output
INA
INB
OUTX
Low
Low
High
Low
High
Low
High
Low
Low
High
High
Low
Input
No.
Ma rk
Contents
E
ELM7Sxx, ELM7SxxB series
3
ELM7S02, ELM7S02B
A∼M (excepted I)
Lot No.
TOP VIEW
12
3
54


Similar Part No. - ELM7S00

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7S00B ELM-TECH-ELM7S00B Datasheet
596Kb / 3P
   CMOS LOGIC IC 2-input NAND gate
logo
ELM Electronics
ELM7S00B ELM-ELM7S00B Datasheet
325Kb / 3P
   2-input NAND gate
logo
ELM Technology Corporat...
ELM7S00B ELM-TECH-ELM7S00B_17 Datasheet
603Kb / 3P
   CMOS LOGIC IC ELM7S00B 2-input NAND gate
More results

Similar Description - ELM7S00

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM7SU04B ELM-ELM7SU04B Datasheet
322Kb / 3P
   CMOS LOGIC IC
ELM7SU04BW ELM-ELM7SU04BW Datasheet
327Kb / 3P
   CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S04B ELM-TECH-ELM7S04B Datasheet
276Kb / 3P
   CMOS LOGIC IC Inverter
logo
ELM Electronics
ELM7SH08XB ELM-ELM7SH08XB Datasheet
320Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH32XB ELM-ELM7SH32XB Datasheet
318Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH86XB ELM-ELM7SH86XB Datasheet
320Kb / 3P
   HIGH SPEED CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S14B ELM-TECH-ELM7S14B Datasheet
277Kb / 3P
   CMOS LOGIC IC Schmitt Inverter
logo
ELM Electronics
ELM7SH125XA ELM-ELM7SH125XA Datasheet
398Kb / 4P
   HIGH SPEED CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7SU04B ELM-TECH-ELM7SU04B Datasheet
276Kb / 3P
   CMOS LOGIC IC Unbuffer Inverter
logo
ELM Electronics
ELM7SH14XB ELM-ELM7SH14XB Datasheet
322Kb / 3P
   HIGH SPEED CMOS LOGIC IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com