Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC1086D Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EC1086D
Description  Low Dropout Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EC1086D Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button EC1086D Datasheet HTML 2Page - List of Unclassifed Manufacturers EC1086D Datasheet HTML 3Page - List of Unclassifed Manufacturers EC1086D Datasheet HTML 4Page - List of Unclassifed Manufacturers EC1086D Datasheet HTML 5Page - List of Unclassifed Manufacturers EC1086D Datasheet HTML 6Page - List of Unclassifed Manufacturers EC1086D Datasheet HTML 7Page - List of Unclassifed Manufacturers EC1086D Datasheet HTML 8Page - List of Unclassifed Manufacturers EC1086D Datasheet HTML 9Page - List of Unclassifed Manufacturers EC1086D Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
July 2003
Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Load Regulation
∆VOUT
EC
1086-ADJ,
10mA
≤ IOUT ≤ 1.5A,
VIN - VOUT = 2V
0.1
0.2
0.3
0.4
%
EC1086-1.5,
10mA
≤ IOUT ≤ 1.5A,
VIN - VOUT = 2V
3
6
12
20
mV
EC1086-1.8,
10mA
≤ IOUT ≤ 1.5A,
VIN - VOUT = 2V
3
6
12
20
mV
EC1086-2.5,
10mA
≤ IOUT ≤ 1.5A,
VIN - VOUT = 2V
3
6
12
20
mV
EC1086-3.3,
10mA
≤ IOUT ≤ 1.5A,
VIN - VOUT = 2V
3
7
15
20
mV
EC1086-5.0,
10mA
≤ IOUT ≤ 1.5A,
VIN - VOUT = 2V
5
10
20
35
mV
Dropout Voltage
IO = 1.5A, ∆VREF = 1%
1.3
1.5
V
Current Limit
ILIMIT
VIN - VOUT = 2V,
1.5
2.3
A
Minimum
Load Current
1.4V
≤ VIN - VOUT ≤ 10V (For ADJ)
2
5
mA
Quiescent Current
VIN = VOUT + 1.3V
5
10
mA
Ripple Rejection
fRIPPLE = 120Hz, COUT = 25µF Tantalum,
IOUT = 1.5A, VIN - VOUT = 3V
60
75
dB
Adjust Pin Current
60
120
µA
Adjust Pin Current
Change
10mA
≤ IOUT ≤ 1.5A,
1.4V
≤ VIN -VOUT ≤ 10V
0.2
5
µA
Temperature
Stability
0.5
%
RMS Noise
(% of VOUT)
TA = 25oC, 10Hz ≤ f ≤ 10kHz
0.003
%
Thermal Shutdown
Junction Temperature
165
oC
Thermal Shutdown
Hysteresis
30
oC
Thermal Resistance
Junction-to-Case
QJC
SOT - 223
TO - 263
TO - 220
20
4
4
oC/W
Typicals and limits appearing in normal type apply for TJ = 25oC. Limits appearing in Boldface type apply over
Note 2: Maximum power dissipation see Figure 5
the entire junction temperature range for operation, 0oC to 125oC. (PD maximum power dissipation , see Note 2.)
Low Dropout Regulator
EC
1086


Similar Part No. - EC1086D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC1089 ETC-EC1089 Datasheet
331Kb / 6P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
EC1089 WJCI-EC1089 Datasheet
282Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
EC1089B ETC-EC1089B Datasheet
331Kb / 6P
   InGaP HBT Gain Block
EC1089B-G ETC-EC1089B-G Datasheet
331Kb / 6P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
EC1089B-G WJCI-EC1089B-G Datasheet
282Kb / 5P
   InGaP HBT Gain Block
More results

Similar Description - EC1086D

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com