Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0006660013 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0006660013
Description  Pre-Crimped Lead PicoBlade Female-to-PicoBlade Female, 304.00mm, 28 AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0006660013 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0006660013 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/11/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0006660013
Status:
Active
Overview:
Pre-Crimped Leads
Description:
Pre-Crimped Lead PicoBlade Female-to-PicoBlade Female, 304.00mm, 28 AWG
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
666
Assembly Configuration
Pre-crimped Lead Only
Connector to Connector
PicoBlade Crimp Terminals
Overview
Pre-Crimped Leads
Product Name
PicoBlade
UPC
800754232913
Physical
Cable Length
304.00mm
Circuits (Loaded)
1
Color - Resin
Red
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Net Weight
0.500/g
Packaging Type
Bag
Single Ended
No
Wire Size AWG
28
Wire/Cable Type
Discrete Wire
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-66600-012
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2018 (15
January 2018)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
Prop65
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
666 Series
Mates With
50125 Crimp Terminal, 50133 Crimp
Terminal
Use With
PicoBlade Housings 51021
This document was generated on 09/11/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0006660013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0006660013 MOLEX11-0006660013 Datasheet
54Kb / 1P
   DISCREETE CABLE
More results

Similar Description - 0006660013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0006660015 MOLEX1-0006660015 Datasheet
42Kb / 1P
   Pre-Crimped Lead Single-Ended PicoBlade Female, 304.00mm, 28 AWG
0006660012 MOLEX1-0006660012_18 Datasheet
53Kb / 1P
   Pre-Crimped Lead PicoBlade Female-to-PicoBlade Female, 152.00mm, 28 AWG
0006660017 MOLEX1-0006660017 Datasheet
42Kb / 1P
   Pre-Crimped Lead PicoBlade Female-to-Board-in Terminal, 304.00mm, 28 AWG
0797580014 MOLEX1-0797580014_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead PicoBlade Female-to-PicoBlade Female, 304mm, 26 AWG
0797580006 MOLEX1-0797580006_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead PicoBlade Female-to-PicoBlade Female, 152mm, 26 AWG
0006660016 MOLEX1-0006660016 Datasheet
42Kb / 1P
   Pre-Crimped Lead PicoBlade Female-to-Board-in Terminal, 152.00mm, 28 AWG
2149202221 MOLEX-2149202221 Datasheet
39Kb / 1P
   Pre-Crimped Lead PicoBlade Female-to-PicoBlade Female, Gold (Au) Plating, 75.00mm Length, 26 AWG, Red
2149202214 MOLEX-2149202214 Datasheet
39Kb / 1P
   Pre-Crimped Lead PicoBlade Female-to-PicoBlade Female, Gold (Au) Plating, 300.00mm Length, 26 AWG, Black
2149202215 MOLEX-2149202215 Datasheet
39Kb / 1P
   Pre-Crimped Lead PicoBlade Female-to-PicoBlade Female, Gold (Au) Plating, 450.00mm Length, 26 AWG, Black
2149202224 MOLEX-2149202224 Datasheet
39Kb / 1P
   Pre-Crimped Lead PicoBlade Female-to-PicoBlade Female, Gold (Au) Plating, 300.00mm Length, 26 AWG, Red
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com